Electronic Components Datasheet Search
  English  ▼

X  

N-SERIES Datasheet(PDF) 2 Page - DDK Ltd.

Part # N-SERIES
Description  N Style Coaxial Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

N-SERIES Datasheet(HTML) 2 Page - DDK Ltd.

  N-SERIES Datasheet HTML 1Page - DDK Ltd. N-SERIES Datasheet HTML 2Page - DDK Ltd. N-SERIES Datasheet HTML 3Page - DDK Ltd. N-SERIES Datasheet HTML 4Page - DDK Ltd. N-SERIES Datasheet HTML 5Page - DDK Ltd. N-SERIES Datasheet HTML 6Page - DDK Ltd. N-SERIES Datasheet HTML 7Page - DDK Ltd. N-SERIES Datasheet HTML 8Page - DDK Ltd. N-SERIES Datasheet HTML 9Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Unit:mm
N Series
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
2
○ Straight Cable Plug
N-P-3
(L)
N-P-5
(L)
N-P-8-1
形状はN-P-5D2V-CR20の場合
(38.0)
N-P-10
(51.7)
(L)
40%
~
80%
N-P-3
(L)
N-P-5
(L)
N-P-8-1
形状はN-P-5D2V-CR20の場合
(38.0)
N-P-10
(51.7)
(L)
40%
~
80%
Clamp Type
Part Number
Applicable
Cable
φA(L)
Finish
Assembly
Instruction
Outer
Conductor
Center
Conductor
N-P-3-CF
3C-2V
6.2 44.6
Ag
Ag
1
3D-2V
N-P-3-Ni-CF
3C-2V
6.2 44.6
Ni
Ag
1
3D-2V
N-P-3-NiCAu-CF
3C-2V
6.2 44.6
Ni
Au
1
3D-2V
N-P-3W-CF
3C-2W
7.2 44.6
Ag
Ag
1
3D-2W
N-P-3W-Ni-CF
3C-2W
7.2 44.6
Ni
Ag
1
3D-2W
N-P-3W-D1-CF
3C-2W
7.2 44.6
Ni
Au
1
3D-2W
N-P-55U-CF
RG-55/U
5.4 44.6
Ag
Ag
1
N-P-55U-Ni-CF
RG-55/U
5.4 44.6
Ni
Ag
1
N-P-58U-CF
RG-58/U
5.4 44.6
Ag
Ag
1
N-P-58U-Ni-1-CF
RG-58/U
5.4 44.6
Ni
Ag
1
N-P-58U-NiCAu-CF
RG-58/U
5.4 44.6
Ni
Au
1
Part Number
Applicable
Cable
φA (L)
Finish
Assmbly
Instruction
Outer
Conductor
Center
Conductor
N-SP-3.5DFE-CF
3.5D-FE
6.2 41.5
Ni
Au
ー
3.5D-QEFA
N-P-5-CF
5C-2V
8.6 44.0
Ag
Ag
1
5D-2V
N-P-5-Ni-CF
5C-2V
8.6 44.0
Ni
Ag
1
5D-2V
N-P-5W-CF
5C-2W
9.1 45.0
Ag
Ag
1
5D-2W
N-P-5W-Ni-CF
5C-2W
9.1 45.0
Ni
Ag
1
5D-2W
N-P-5W-NiCAu-CF
5C-2W
9.1 45.0
Ni
Au
1
5D-2W
N-P-5DFB-1-CF
5D-FB
8.1 44.0
Ni
Ag
1
N-SP-5DSFA-CF
5D-SFA
8.6 41.5
Ni
Au
ー
N-P-8U-CF
RG-8/U
11.2 44.0
Ag
Ag
1
RG-9/U
N-P-8U-Ni-CF
RG-8/U
11.2 44.0
Ni
Ag
1
RG-9/U
UG-21D/U-CF
RG-8/U
11.25 38.0
Ag
Ag
2
RG-9/U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com