Electronic Components Datasheet Search
  English  ▼

X  

PMP Datasheet(PDF) 1 Page - DDK Ltd.

Part # PMP
Description  Automotive Coaxial Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PMP Datasheet(HTML) 1 Page - DDK Ltd.

  PMP Datasheet HTML 1Page - DDK Ltd. PMP Datasheet HTML 2Page - DDK Ltd. PMP Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without a previous notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
PMP Series
Automotive Coaxial Connector
RoHS
Compliant
RoHS
Compliant
121226
Applicable Cable
1D Type
1.5D Type
Characteristic Impedance
 50 Ω
Rated Voltage
250VAC(r.m.s.)
Dielectric Withstanding Voltage 300VAC (r.m.s.) / 1 minute
500VAC (r.m.s.) / 1 minute
Insulation Resistance
1000M Ω min. at 250VDC
Contact Resistance
30m Ω max.
V.S.W.R.
1.5 max. at DC 〜 3GHz
1.5 max. at DC 〜 6GHz
Operating Temperature
-40 〜 +105℃
OUTLINE
FEATURE
SPECIFICATIONS
MATERIAL/FINISH
PMP series is a connector for connection between antenna and
devices of terrestrial digital TV, ETC and DSRC.
■ Adopting the inertia lock mechanism. Insert the plug connector,
the connector is locked. Pull off with pushing the lock lever.
■ Audibly and tactually inertial lock ensures full coupling.
■ PMP type is SMT mounting type and 6.25mm mounting height.
APPLICATION
Car Navigation (GPS, VICS, Terrestrial Digital TV),ETC, DSRC Receiver
1.5
1.4
1.3
1.2
1.1
1.0
0     1     2     3     4     5     6
Frequency【GHz】
PMP-SP-1.5D-CR3 ( L=500mm, Double-ended Harness)
DC∼6GHz VSWR
1.5
1.4
1.3
1.2
1.1
1.0
0    0.5     1    1.5    2    2.5     3
Frequency【GHz】
PMP-SP-1D-CR3 ( L=500mm, Double-ended Harness)
DC∼3GHz VSWR
Item
Material / Finish
PMP-LR-PS
PMP-SP-1D-CR3
PMP-SP-1.5D-CR3
Body
PPS Resin / Black(UL94V-0)
PA Resin / Black(UL94V-0)
PA Resin / Black(UL94V-0)
Outer
Conductor
Copper Alloy / Contact Area:Au
  Tail Area:Sn reflow
  Other Area:Ni 
Copper Alloy / Contact Area:Au
    Termination Area:Sn-Ag
    Other Are:Ni
Copper Alloy / Contact Area:Au
    Termination Area:Sn-Ag
    Other Area:Ni
Insulator
LCP Resin / Black(UL94V-0)
PBT Resin / Black(UL94V-0)
PBT Resin / Black(UL94V-0)
Contact
Copper Alloy / Au
Copper Alloy / Contact Area:Au
    Termination Area:Sn-Ag
    Other Area:Ni
Copper Alloy / Contact Area:Au
    Termination Area:Sn-Ag
    Other Area:Ni
Tab
Copper Alloy /Mounting Area:
Au
   Other Area:Ni
PMP Type:Low profile connector which have lock levers on both side.
Both upper and lower direction can be mated.
PMP2 Type:Lock lever is located on the top of the connector.
It is space-saving and easy operation.
※ PMP type and PMP2 type are not inter-matable.
DC 〜 3GHz
DC 〜 6GHz
Frequency
Range
50 Ω
Lock Type
Inertia Lock
Characteristic
Impedance
* The specifications are typical but may not apply to all connectors. Please check  
the specifications on each item with its drawing from us when you use.


Similar Part No. - PMP

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
PMP SENSATA-PMP Datasheet
507Kb / 9P
PROPORTIONAL CONTROL SOLID STATE RELAYS
logo
Merrimac Industries, In...
PMP-3R-10B MERRIMAC-PMP-3R-10B Datasheet
108Kb / 1P
ANALOG PHASE MODULATOR
PMP-3R-500B MERRIMAC-PMP-3R-500B Datasheet
108Kb / 1P
ANALOG PHASE MODULATOR
logo
List of Unclassifed Man...
PMP-400 ETC1-PMP-400 Datasheet
835Kb / 6P
Quik-Spec Power Module Panel
logo
Amphenol RF.
PMP-FS8A-2380 RF-PMP-FS8A-2380 Datasheet
2Mb / 2P
PSMP Board to Board Connectors
More results

Similar Description - PMP

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PSH DDK-PSH Datasheet
838Kb / 5P
Compact Coaxial Connector
PMP-SP-1D-CR3 DDK-PMP-SP-1D-CR3 Datasheet
712Kb / 3P
Automotive Coaxial Connector
logo
Huber+Suhner, Inc.
11_716-50-7-3003_- HUBERSUHNER-11_716-50-7-3003_- Datasheet
805Kb / 1P
Coaxial Cable Connector
11_716-50-9-3003_- HUBERSUHNER-11_716-50-9-3003_- Datasheet
805Kb / 1P
Coaxial Cable Connector
11_BNC-50-3-5133_N HUBERSUHNER-11_BNC-50-3-5133_N Datasheet
799Kb / 1P
Coaxial Cable Connector
11_BNC-75-2-1133_N HUBERSUHNER-11_BNC-75-2-1133_N Datasheet
798Kb / 1P
Coaxial Cable Connector
11_BNC-75-4-3133_N HUBERSUHNER-11_BNC-75-4-3133_N Datasheet
802Kb / 1P
Coaxial Cable Connector
11_BNC-75-5-6133_N HUBERSUHNER-11_BNC-75-5-6133_N Datasheet
791Kb / 1P
Coaxial Cable Connector
11_BNC-75-7-6133_N HUBERSUHNER-11_BNC-75-7-6133_N Datasheet
792Kb / 1P
Coaxial Cable Connector
11_BNT-50-3-1103_N HUBERSUHNER-11_BNT-50-3-1103_N Datasheet
793Kb / 1P
Coaxial Cable Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com