Electronic Components Datasheet Search
  English  ▼

X  

PSC Datasheet(PDF) 1 Page - DDK Ltd.

Part # PSC
Description  SMB Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

PSC Datasheet(HTML) 1 Page - DDK Ltd.

  PSC Datasheet HTML 1Page - DDK Ltd. PSC Datasheet HTML 2Page - DDK Ltd. PSC Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
SMB Connector (LowCostVersion)
PSC Series
PSC series is intermateable with SMB connectors which
conform to MIL-PRF-39012 and modified smaller and lighter.
The shell and contact are press-fabricated and the insulator
is formed by mold to meet low cost requirement.
Base station, Telecom, Measurement equipment
1. VSWR is less than 1.2 at frequency range DC 〜 4GHz.
2. Mating height is 9mm(max.) from PCB surface.(Mating connector is PSC-SR-RS-D2)
3. Applicable cable is a flexible cable and a semi-flexible cable.
Characteristic Impedance
50 Ω
Rated Voltage
335VAC(r.m.s.)
Dielectric Withstanding Voltage
1000V AC(r.m.s) / 1minute
Insulation Resistance
1000M Ω (min.) at 500V DC
Contact Resistance
6m Ω (max.)
Frequency Range
DC 〜 4GHz
VSWR
1.2(max.)
Mating Height
9.0mm(max.)(PSC series)
Operating Temperature
-40 〜 +85℃
※ PSC-LP-1.5DW-CR1 Double ended Cable Assembly.(L=150mm)
Frequency(GHz)
1
2
3
4
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9 0
RoHS
Compliant
RoHS
Compliant
Connector
Type
Frequency
Range
DC 〜 4GHz
Push-on
Contact
Copper Alloy / Au Plating
Insulator
Fluorine Resin , PA Resin
Outer Conductor
Copper Alloy / Ni Plating, Au Plating
151216
OUTLINE
APPLICATIONS
SPECIFICATIONS
FEATURE
MATERIAL/FINISH
50 Ω
DIP or SMT
Lock Type
Characteristic
Impedance
Mounting
Type
SMB
Applicable
Cable
1.5D-2W, UT-085
RG-316
* The specifications are typical but may not apply to all connectors.
Please check the specifications on each item with its drawing from us
when you use.
Conforming
Standard
MIL-PRF-39012
VSWR


Similar Part No. - PSC

ManufacturerPart #DatasheetDescription
logo
Power-One
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
6 to 12 A Switching Regulators
logo
Vishay Siliconix
PSC VISHAY-PSC Datasheet
129Kb / 3P
Spiral Chip Inductor
14-Mar-08
logo
Eaton All Rights Reserv...
PSC EATON-PSC Datasheet
206Kb / 6P
General-Purpose and Sensor Power Supplies
April 2019
logo
Clarke International
PSC CLARKE-PSC Datasheet
307Kb / 8P
SPRAY GUN
0903
logo
Mini-Circuits
PSC-10-1 MINI-PSC-10-1 Datasheet
201Kb / 1P
Power Splitter/Combiner
More results

Similar Description - PSC

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PSC-LP-1.5DW-CR1 DDK-PSC-LP-1.5DW-CR1 Datasheet
162Kb / 2P
SMB Connector
logo
Pasternack Enterprises,...
PE9118 PASTERNACK-PE9118 Datasheet
76Kb / 1P
SMB PLUG TO SMB PLUG
logo
List of Unclassifed Man...
SMBR003D00 ETC1-SMBR003D00 Datasheet
170Kb / 4P
SMT Type SMB Connector
logo
SHENZHEN YONGERJIA INDU...
US1A WINNERJOIN-US1A Datasheet
307Kb / 2P
SMB
logo
Adam Technologies, Inc.
RF3-05-T-00-75-G-HT ADAM-TECH-RF3-05-T-00-75-G-HT Datasheet
70Kb / 1P
RF CONNECTOR SMB FEMALE
RF3-11-T-00-50-G ADAM-TECH-RF3-11-T-00-50-G Datasheet
61Kb / 1P
R/A SMB CONNECTOR
RF3-13-T-02-50-G ADAM-TECH-RF3-13-T-02-50-G Datasheet
61Kb / 1P
RF CONNECTOR TYPE SMB FEMALE
RF26-05-00-50-T ADAM-TECH-RF26-05-00-50-T Datasheet
67Kb / 1P
SMB CONNECTOR
logo
DDK Ltd.
PSC2 DDK-PSC2 Datasheet
119Kb / 2P
SMB Style Connector
27DP-P-1.5QEV-AA-CF DDK-27DP-P-1.5QEV-AA-CF Datasheet
501Kb / 9P
SMB Type Coaxial Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com