Electronic Components Datasheet Search
  English  ▼

X  

MOC3041 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MOC3041
Description  OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MOC3041 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MOC3041 Datasheet HTML 1Page - List of Unclassifed Manufacturers MOC3041 Datasheet HTML 2Page - List of Unclassifed Manufacturers MOC3041 Datasheet HTML 3Page - List of Unclassifed Manufacturers MOC3041 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
28/03/03
DB91048m-AAS/A6
CHARACTERISTIC CURVES
Fig.7 Turn-on Time vs. Forward
Current
Fig.8 Repetitive Peak Off-state Current
Fig.9 On-state Current vs.
On-state Voltage
vs. Temperature
Ambient temperature Ta ( C)
3.0
1.5
0
O
0
100
0.5
2.0
2.5
1.0
80
60
40
20
Static dv/dt Test Circuit
Forward current IF (mA)
RTEST
CTEST
D.U.T.
+ 400
Vdc
PULSE
INPUT
MERCURY
WETTED
RELAY
R= 10k
X100
SCOPE
PROBE
τRC
τRC
dv/dt=
0.63 Vmax
= τRC
378
APPLIED VOLTAGE
WAVEFORM
0 VOLTS
Vmax
= 400V
252 V
VP=9V
RL= 100
On-state voltage VTM (V)
4
0
2
10
6
8
20
30
10
40
50
20
1
10
100
1000
100
40
60
80



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com