Electronic Components Datasheet Search
  English  ▼

X  

RF-ADAPTER Datasheet(PDF) 1 Page - DDK Ltd.

Part # RF-ADAPTER
Description  High-frequency N type Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

RF-ADAPTER Datasheet(HTML) 1 Page - DDK Ltd.

  RF-ADAPTER Datasheet HTML 1Page - DDK Ltd. RF-ADAPTER Datasheet HTML 2Page - DDK Ltd. RF-ADAPTER Datasheet HTML 3Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
High-frequency N type Adapter
RF Adapter
Characteristic Impedance
50 Ω
Rated Voltage
500VAC(r.m.s.)
Dielectric Withstanding Voltage 1500V AC(r.m.s) / 1minute
Insulation Resistance
1000M Ω (min.) at 500V DC
Contact Resistance
3m Ω(max.)
Frequency Range
DC ~ 18GHz
V.S.W.R.
DC ~ 4GHz:1.04 max.
4 ~ 8GHz:1.06 max.
8 ~ 18GHz:1.10 max.
Operating Temperature
-40 ~ +85℃
RoHS
Compliant
RoHS
Compliant
Freguency
Range
DC〜18GHz
Characteristic
Impedance
50 Ω
 Item
Material / Finish
Contact
Copper Alloy / Au Plating
Copper Alloy / Ag Plating
Outer
Conductor
Stainless steel
Copper Alloy / Ni Plating
Copper Alloy / Au Plating
Copper Alloy / Ag Plating
 Insulator
PTFE
121226
* The specifications are typical but may not apply to all connectors.
Please check the specifications on each item with its drawing from us
when you use.
◆ It is high frequency range N type adapter.
◆ N series is the general perpose coaxial
connector which is available in 50 Ω impedance
with 7mm bore of outer conductor.
◆ It is low signal degradation and suitable
for product evaluation.
0   2   4   6   8   10  12  14  16  18
1.15
1.10
1.05
1.00
Frequency
【GHz】
N-SA-JJ-HG V.S.W.R
Spec
MIL-PRF-39012
N-SA-JP-HG V.S.W.R
0   2   4   6   8   10  12  14  16  18
1.15
1.10
1.05
1.00
Frequency【GHz】
Spec
0   2   4   6   8   10  12  14  16  18
1.15
1.10
1.05
1.00
Frequency【GHz】
N-SA-PP-HG V.S.W.R
Spec
0   2   4   6   8   10   12  14  16  18
1.15
1.10
1.05
1.00
N-PA-JJ-HG V.S.W.R
Frequency【GHz】
Spec
DDK Ltd.
Base station, Communication instruments,
measuring instrument
FEATURES
CONFORMING STANDARD
APPLICATIONS
SPECIFICATIONS
MATERIAL / FINISH


Similar Part No. - RF-ADAPTER

ManufacturerPart #DatasheetDescription
logo
SHENZHEN REFOND OPTOELE...
RF-A1E30-W5SE-A9 REFOND-RF-A1E30-W5SE-A9 Datasheet
1Mb / 22P
The White LED, which was fabricated by using a blue chip and the phosphor.
RF-A1E30-W5SH-C5 REFOND-RF-A1E30-W5SH-C5 Datasheet
1Mb / 22P
The White LED, which was fabricated by using a blue chip and the phosphor.
RF-A1E30-WYSE-A9 REFOND-RF-A1E30-WYSE-A9 Datasheet
1Mb / 22P
The White LED, which was fabricated by using a blue chip and the phosphor.
RF-A1E30-WYSH-C5 REFOND-RF-A1E30-WYSH-C5 Datasheet
1Mb / 22P
The White LED, which was fabricated by using a blue chip and the phosphor.
RF-AUB170TS-ED REFOND-RF-AUB170TS-ED Datasheet
1Mb / 21P
The Colour LED which was fabricated using a amber chipPackage Dimension
More results

Similar Description - RF-ADAPTER

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
2725T NDK-2725T Datasheet
89Kb / 1P
High Frequency-supporting Type
logo
Pomona Electronics
72932 POMONA-72932 Datasheet
380Kb / 2P
Type N Adapter Kit
logo
Amphenol Corporation
91100 AMPHENOL-91100 Datasheet
114Kb / 1P
TYPE N ADAPTER PRESSURIZED JACK
logo
List of Unclassifed Man...
8029 ETC2-8029 Datasheet
119Kb / 1P
TYPE N FEMALE TO TYPE N FEMALE RADIUS R/A ADAPTER
8030 ETC2-8030 Datasheet
122Kb / 1P
TYPE N FEMALE TO TYPE N MALE RADIUS R/A ADAPTER
8036 ETC2-8036 Datasheet
90Kb / 1P
TYPE N MALE TO TYPE N FEMALE ADAPTER
8037 ETC2-8037 Datasheet
84Kb / 1P
TYPE N FEMALE TO TYPE N FEMMALE ADAPTER
logo
Pulse A Technitrol Comp...
HFB050150 PULSE-HFB050150 Datasheet
660Kb / 2P
HIGH FREQUENCY BALUN ADAPTER
logo
DDK Ltd.
N-SA-JJ-HG DDK-N-SA-JJ-HG Datasheet
1Mb / 3P
High-frequency N type Adapter
logo
NIHON DEMPA KOGYO
2725T_18_03 NDK-2725T_18_03_27 Datasheet
876Kb / 1P
High Frequency-supporting Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com