Electronic Components Datasheet Search
  English  ▼

X  

OPA734 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA734
Description  SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA734 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA734 Datasheet HTML 7Page - Texas Instruments OPA734 Datasheet HTML 8Page - Texas Instruments OPA734 Datasheet HTML 9Page - Texas Instruments OPA734 Datasheet HTML 10Page - Texas Instruments OPA734 Datasheet HTML 11Page - Texas Instruments OPA734 Datasheet HTML 12Page - Texas Instruments OPA734 Datasheet HTML 13Page - Texas Instruments OPA734 Datasheet HTML 14Page - Texas Instruments OPA734 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
OPA734, OPA2734
OPA735, OPA2735
SBOS282A − DECEMBER 2003 − REVISED FEBRUARY 2004
www.ti.com
11
R
1
536k
Ω
R
1
536k
Ω
R
3
268k
Ω
OPA735
C
1
5nF
C
2
5nF
C
3
10nF
V
OUT
+5V
−5V
f
n =
1
2
π RC
;where
R=R
1 =R2 =2R3
C=C
1 =C2 =C3/2
(f
n = 60Hz for values shown)
Figure 6. Twin-T Notch Filter
NOTE: FilterPro is a low-pass filter design program available for download at no cost from TI’s web site (www.ti.com).
The program can be used to easily determine component values for other cutoff frequencies or filter types.
68.0nF
C
2
C
3
6.80nF
R
3
20.8k
Ω
R
2
2.64k
Ω
C
1
15.0nF
R
1
10.6k
Ω
1/2
OP A2 735
1/2
O PA 2735
V
OUT
V
IN
Cutoff frequency = 2kHz for values shown.
Figure 7. High DC Accuracy, 3-Pole Low-Pass Filter
1/2
OP A 27 35
1/2
OP A 27 35
R
2
10 k
Ω
R
1 =10 kΩ
R
3
10 k
Ω
V
OUT
V
IN
C
1
1nF
D
1
C
1
1nF
NOTE: Dynamic range of the circuit is not reduced by
the diode voltage drop since the diode is not in the signal path.
Application Bulletin Precision Absolute Value Circuits (SBOA068)
is available at www.ti.com and provides further information about rectifier circuits.
Figure 8. Precision Full-Wave Rectifier with Full Dynamic Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com