Electronic Components Datasheet Search
  English  ▼

X  

LM3876 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3876
Description  LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3876 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3876 Datasheet HTML 17Page - Texas Instruments LM3876 Datasheet HTML 18Page - Texas Instruments LM3876 Datasheet HTML 19Page - Texas Instruments LM3876 Datasheet HTML 20Page - Texas Instruments LM3876 Datasheet HTML 21Page - Texas Instruments LM3876 Datasheet HTML 22Page - Texas Instruments LM3876 Datasheet HTML 23Page - Texas Instruments LM3876 Datasheet HTML 24Page - Texas Instruments LM3876 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
LM3876
www.ti.com
SNAS090D – APRIL 1995 – REVISED MARCH 2013
The desired input impedance is set by RIN. Very high values can cause board layout problems and DC offsets at
the output. The value for the feedback resistance, Rf1, should be chosen to be a relatively large value (10
k
Ω–100 kΩ), and the other feedback resistance, Ri, is calculated using standard op amp configuration gain
equations. Most audio amplifiers are designed from the non-inverting amplifier configuration.
DESIGN A 40W/8
Ω AUDIO AMPLIFIER
Given:
Power Output
40W
Load Impedance
8
Ω
Input Level
1V(max)
Input Impedance
100 k
Ω
Bandwidth
20 Hz–20 kHz ± 0.25 dB
Equation 6 and Equation 7 give:
40W/8
Ω
Vopeak = 25.3V
Iopeak = 3.16A
(10)
Therefore the supply required is: ±30.3V at 3.16A
With 15% regulation and high line the final supply voltage is ±38.3V using Equation 8. At this point it is a good
idea to check the Figure 25 to ensure that the required output power is obtainable from the device while
maintaining low THD + N. It is also good to check the Power Dissipation vs Supply Voltage to ensure that the
device can handle the internal power dissipation. At the same time designing in a relatively practical sized heat
sink with a low thermal resistance is also important. Refer to Typical Performance Characteristics graphs and
THERMAL CONSIDERATIONS for more information.
The minimum gain from Equation 9 is:
AV ≥ 18
We select a gain of 21 (Non-Inverting Amplifier); resulting in a sensitivity of 894 mV.
Letting RIN equal 100 kΩ gives the required input impedance, however, this would eliminate the “volume control”
unless an additional input impedance was placed in series with the 10 k
Ω potentiometer that is depicted in
Figure 1. Adding the additional 100 k
Ω resistor would ensure the minumum required input impedance.
For low DC offsets at the output we let Rf1 = 100 kΩ. Solving for Ri (Non-Inverting Amplifier) gives the following:
Ri = Rf1/(AV − 1) = 100k/(21 − 1) = 5 kΩ; use 5.1 kΩ
(11)
The bandwidth requirement must be stated as a pole, i.e., the 3 dB frequency. Five times away from a pole gives
0.17 dB down, which is better than the required 0.25 dB. Therefore:
fL = 20 Hz/5 = 4 Hz
(12)
fH = 20 kHz × 5 = 100 kHz
(13)
At this point, it is a good idea to ensure that the Gain-Bandwidth Product for the part will provide the designed
gain out to the upper 3 dB point of 100 kHz. This is why the minimum GBWP of the LM3876 is important.
GBWP
≥ AV × f3 dB = 21 × 100 kHz = 2.1 MHz
(14)
GBWP = 2.0 MHz (min) for the LM3876
(15)
Solving for the low frequency roll-off capacitor, Ci, we have:
Ci
≥ 1/(2π Ri fL) = 7.8 μF; use 10 μF.
(16)
Definition of Terms
Input Offset Voltage: The absolute value of the voltage which must be applied between the input terminals
through two equal resistances to obtain zero output voltage and current.
Input Bias Current: The absolute value of the average of the two input currents with the output voltage and
current at zero.
Input Offset Current: The absolute value of the difference in the two input currents with the output voltage and
current at zero.
Input Common-Mode Voltage Range (or Input Voltage Range): The range of voltages on the input terminals
for which the amplifier is operational.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com