Electronic Components Datasheet Search
  English  ▼

X  

LM4673 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4673
Description  LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4673 Datasheet(HTML) 2 Page - Texas Instruments

  LM4673 Datasheet HTML 1Page - Texas Instruments LM4673 Datasheet HTML 2Page - Texas Instruments LM4673 Datasheet HTML 3Page - Texas Instruments LM4673 Datasheet HTML 4Page - Texas Instruments LM4673 Datasheet HTML 5Page - Texas Instruments LM4673 Datasheet HTML 6Page - Texas Instruments LM4673 Datasheet HTML 7Page - Texas Instruments LM4673 Datasheet HTML 8Page - Texas Instruments LM4673 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
C
B
A
PGND
Vo1
Vo2
IN+
VDD
IN-
2
GND
SHUTDOWN
PVDD
3
1
LM4673, LM4673SDBD, LM4673TMBD
SNAS317D – DECEMBER 2005 – REVISED MAY 2013
www.ti.com
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit
Connection Diagram
Figure 2. 9-Bump DSBGA - Top View
Figure 3. 8-Pin WSON - Top View
See YFQ0009 Package
See NGQ0008A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM4673 LM4673SDBD LM4673TMBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com