Electronic Components Datasheet Search
  English  ▼

X  

LM4674 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4674
Description  LM4674 Filterless 2.5W Stereo Class D Audio Power Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4674 Datasheet(HTML) 2 Page - Texas Instruments

  LM4674 Datasheet HTML 1Page - Texas Instruments LM4674 Datasheet HTML 2Page - Texas Instruments LM4674 Datasheet HTML 3Page - Texas Instruments LM4674 Datasheet HTML 4Page - Texas Instruments LM4674 Datasheet HTML 5Page - Texas Instruments LM4674 Datasheet HTML 6Page - Texas Instruments LM4674 Datasheet HTML 7Page - Texas Instruments LM4674 Datasheet HTML 8Page - Texas Instruments LM4674 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SDR
SDL
G0
G1
INR-
INL-
INR+
INL+
OUTRA
OUTRB
OUTLA
OUTLB
VDD
PVDD
GND
PGND
2.4V to 5.5V
H-BRIDGE
GAIN/
MODULATOR
H-BRIDGE
GAIN/
MODULATOR
OSCILLATOR
CS1
CS2
Ci
Ci
Ci
Ci
AUDIO
INPUT
AUDIO
INPUT
LM4674
SNAS344E – DECEMBER 2005 – REVISED APRIL 2013
www.ti.com
TYPICAL APPLICATION
Ci = 1 μF
CS1 = 1 μF
CS2 = 0.1 μF
Figure 1. Typical Audio Amplifier Application Circuit
EXTERNAL COMPONENTS DESCRIPTION
(Figure 1)
Components
Functional Description
1.
CS
Supply bypass capacitor which provides power supply filtering. Refer to the AUDIO AMPLIFIER INPUT CAPACITOR
SELECTION section for information concerning proper placement and selection of the supply bypass capacitor.
2.
Ci
Input AC coupling capacitor which blocks the DC voltage at the amplifier's input terminals.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM4674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com