Electronic Components Datasheet Search
  English  ▼

X  

LM4855 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4855
Description  Integrated Audio Amplifier System
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4855 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4855 Datasheet HTML 9Page - Texas Instruments LM4855 Datasheet HTML 10Page - Texas Instruments LM4855 Datasheet HTML 11Page - Texas Instruments LM4855 Datasheet HTML 12Page - Texas Instruments LM4855 Datasheet HTML 13Page - Texas Instruments LM4855 Datasheet HTML 14Page - Texas Instruments LM4855 Datasheet HTML 15Page - Texas Instruments LM4855 Datasheet HTML 16Page - Texas Instruments LM4855 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
LM4855
www.ti.com
SNAS164C – JUNE 2002 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Frequency Response
Frequency Response
Figure 34.
Figure 35.
Frequency Response
Figure 36.
Table 1. Output Noise vs Output Mode (VDD = 3V, 5V)
(1) (2) (3)
Output Mode
SPKROUT
LOUT/ROUT
Output Noise (µV)
Output Noise (µV)
1
29
X
2
X
28 (G1 = 0dB)
31 (G1 = 6dB)
3
29
28 (G1 = 0dB)
31 (G1 = 6dB)
4
X
28 (G2 = 0dB)
38 (G2 = 12dB)
5
29
28(G2 = 0dB)
38 (G2 = 12dB)
6
X
38 (G2 = 0dB)
41 (G1 = 0dB)
48 (G1 = 6dB)
7
29
38 (G2 = 0dB)
41 (G1 = 0dB)
48 (G1 = 6dB)
(1)
G1 = gain from PHS to LOUT/ROUT
(2)
G2 = gain from LIN/RIN to LOUT/ROUT
(3)
A - weighted filter used
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com