Electronic Components Datasheet Search
  English  ▼

X  

LM48821 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM48821
Description  Direct Coupled, Ultra Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48821 Datasheet(HTML) 1 Page - Texas Instruments

  LM48821 Datasheet HTML 1Page - Texas Instruments LM48821 Datasheet HTML 2Page - Texas Instruments LM48821 Datasheet HTML 3Page - Texas Instruments LM48821 Datasheet HTML 4Page - Texas Instruments LM48821 Datasheet HTML 5Page - Texas Instruments LM48821 Datasheet HTML 6Page - Texas Instruments LM48821 Datasheet HTML 7Page - Texas Instruments LM48821 Datasheet HTML 8Page - Texas Instruments LM48821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM48821, LM48821TLEVAL
www.ti.com
SNAS354A – JUNE 2007 – REVISED MAY 2013
LM48821
Direct Coupled, Ultra Low Noise, 52mW
Differential Input Stereo Headphone Amplifier with I2C Volume Control
Check for Samples: LM48821, LM48821TLEVAL
1
FEATURES
DESCRIPTION
With
its
directly-coupled
output
technology,
the
2
•
Ground Referenced Outputs
LM48821 is a variable gain audio power amplifier
•
Differential Inputs
capable of delivering 52mWRMS per channel into a
•
I2C Volume and Mode Controls
16
Ω single-ended load with less than 1% THD+N
from a 3V power supply. The I2C volume control has
•
Available in Space-Saving DSBGA Package
a range of –76dB to 18dB.
•
Ultra Low Current Shutdown Mode
The
LM48821's
Tru-GND
technology
utilizes
•
Advanced Output Transient Suppression
advanced charge pump technology to generate the
Circuitry Eliminates Noises During Turn-On
LM48821’s negative supply voltage. This eliminates
and Turn-Off Transitions
the need for output-coupling capacitors typically used
•
2.0V to 4.0V Operation (PVDD and SVDD)
with single-ended loads.
•
1.8 to 4.0V Operation (I2CVDD)
Boomer
audio
power
amplifiers
were
designed
•
No Output Coupling Capacitors, Snubber
specifically to provide high quality output power with a
Networks, Bootstrap Capacitors, or Gain-
minimal
amount
of
external
components.
The
Setting Resistors Required
LM48821 does not require output coupling capacitors
or bootstrap capacitors, and therefore, is ideally
suited for mobile phone and other low voltage
APPLICATIONS
applications where minimal power consumption is a
•
Notebook PCs
primary requirement.
•
Desktop PCs
The LM48821 incorporates selectable low-power
•
Mobile Phones
consumption shutdown and channel select modes.
•
PDAs
The LM48821 contains advanced output transient
•
Portable Electronic Devices
suppression circuitry that eliminates noises which
would otherwise occur during turn-on and turn-off
•
MP3 Players
transitions.
KEY SPECIFICATIONS
•
Improved PSRR at 217Hz: 82dB (typ)
•
Stereo Output Power at VDD = 3V, RL = 16
Ω,
THD+N = 1%: 52mW (typ)
•
Mono Output Power at VDD = 3V, RL = 16
Ω,
THD+N = 1%: 93mW (typ)
•
Shutdown current: 0.1
μA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48821

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48821 NSC-LM48821 Datasheet
618Kb / 22P
Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
logo
Texas Instruments
LM48821 TI1-LM48821 Datasheet
1Mb / 24P
Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
LM48821 TI2-LM48821 Datasheet
628Kb / 23P
LM48821 Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
REVISED MAY 2013
LM48821TL/NOPB TI2-LM48821TL/NOPB Datasheet
628Kb / 23P
LM48821 Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
REVISED MAY 2013
LM48821TL/NOPB.A TI2-LM48821TL/NOPB.A Datasheet
628Kb / 23P
LM48821 Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
REVISED MAY 2013
More results

Similar Description - LM48821

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5509 NSC-CLC5509 Datasheet
445Kb / 11P
Ultra-Low Noise Preamplifier
LM48821 NSC-LM48821 Datasheet
618Kb / 22P
Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
Texas Instruments
LM48821 TI1-LM48821_14 Datasheet
1Mb / 24P
Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
logo
Crystek Corporation
CVHD-575 CRYSTEKCRYSTAL-CVHD-575 Datasheet
260Kb / 2P
Ultra-Low Phase Noise
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
CLC1002 EXAR-CLC1002 Datasheet
1Mb / 17P
Ultra-Low Noise Amplifier
logo
Unisonic Technologies
LR9500G-XX-AF5-R UTC-LR9500G-XX-AF5-R Datasheet
196Kb / 6P
ULTRA LOW NOISE
logo
M/A-COM Technology Solu...
MLPNC-7103S1 MA-COM-MLPNC-7103S1 Datasheet
864Kb / 12P
Ultra-Low Phase Noise
MLPNC-7100 MA-COM-MLPNC-7100 Datasheet
648Kb / 5P
Ultra-Low Phase Noise
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com