Electronic Components Datasheet Search
  English  ▼

X  

770 Datasheet(PDF) 1 Page - CTS Corporation

Part # 770
Description  High-Reliability Cermet Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

770 Datasheet(HTML) 1 Page - CTS Corporation

  770_16 Datasheet HTML 1Page - CTS Corporation 770_16 Datasheet HTML 2Page - CTS Corporation 770_16 Datasheet HTML 3Page - CTS Corporation 770_16 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0339-0
Page 1 - 4
Rev. A
www.ctscorp.com
Series 770
Conformal Coated SIP Resistor Network
FEATURES
• High-Reliability Cermet Resistors
• Space Saving Over Individual Resistors
• Low Profile
• Available in Odd or Even Number of Pins From 4 to 12 Leads
• 0.100 inch [2.54 mm] Pin Spacing
• Resistance Range 22Ω to 1 MΩ (E-24 Series)
• Temperature Coefficient of Resistance (T.C.R.) ±100ppm/°C
• Operating Temperature to -55°C to +125°C
• Epoxy Resin Coating
• Bulk Packaging
• RoHS Compliant in Accordance with EU Directive 2005/95/EC
- Lead-Free Termination Finish
- Exemption 5 for Pb in glass material and resistor elements
ORDERING INFORMATION
P
NUMBER OF PINS
RoHS COMPLIANT
4 - 12 Pins Available
Lead Finish: SnAgCu
770
Ex. 4 = 4 pins
Ex. 10 = 10 pins
RESISTOR CODE
Resistor Tolerance is ±2% for all part numbers.
For Schematics 1 & 3, refer to available resistor table on
Page 2.
SCHEMATIC
For Schematic 5 the following format is used.
Ex. 220/330 = 220Ω/330Ω
Ex. 470/1.2k = 470Ω/1200Ω
1 - Bussed Circuit
3 - Isolated Circuit
5 - Dual Terminator Circuit
See tables below for example part numbers.
Refer to tables on Page 2 for available part numbers.
Not all pin count, schematic combinations and resistor values may be available.
Contact your local CTS Representative or CTS Customer Service for availability.
Schematic 5 Example Part Numbers
Schematic 5 Example Part Numbers
R1
(ohms)
R2
(ohms)
R1/R2
Part Number
R1
(ohms)
R2
(ohms)
R1/R2
Part Number
81
130
81/130
77010581/130P
470
1k
470/1k
770105470/1KP
100
200
100/200
770105100/200P
750
2.3k
750/2.3k
770105750/2.3KP
180
270
180/270
770105180/270P
1k
2k
1k/2k
7701051K/2KP
220
330
220/330
770105220/330P
1.1k
2.2k
1.1k/2.2k
7701051.1/2.2KP *
1.5k
3.3K
1.5k/3.3k
7701051.5/3.3KP *
* CTS Part Number limited to 15 characters maximum.
For R1 or R2 >1k Ohms
For R1 and R2 <1k Ohms
First k is omitted


Similar Part No. - 770_16

ManufacturerPart #DatasheetDescription
logo
Santronics Inc
770116 SCS-770116 Datasheet
3Mb / 14P
Ion Pro™ Benchtop Ionizer Installation, Operation and Maintenance
December 2021
logo
KATHREIN Solutions GmbH
770516 KATHREIN-770516 Datasheet
28Mb / 152P
Information about KATHREIN Broadcast
More results

Similar Description - 770_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESS VISHAY-ESS Datasheet
160Kb / 2P
Wirewound Resistors, Military/Established Reliability
23-Sep-02
logo
Panasonic Semiconductor
EROS2CHF1002 PANASONIC-EROS2CHF1002 Datasheet
116Kb / 4P
Metal Film Resistors Performance, Reliability Low T.C.R. and noise, high reliability
ERA3ARB102P PANASONIC-ERA3ARB102P Datasheet
187Kb / 4P
Metal Film Chip Resistors, High Reliability Type
ERA3ARB103P PANASONIC-ERA3ARB103P Datasheet
187Kb / 4P
Metal Film Chip Resistors, High Reliability Type
ERA3ARB104P PANASONIC-ERA3ARB104P Datasheet
187Kb / 4P
Metal Film Chip Resistors, High Reliability Type
ERA6AEB302V PANASONIC-ERA6AEB302V Datasheet
189Kb / 4P
Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Battery Group
ERA3AEB2321V PANASONICBATTERY-ERA3AEB2321V Datasheet
189Kb / 4P
Metal Film Chip Resistors, High Reliability Type
logo
Panasonic Semiconductor
ERA3AEB1961V PANASONIC-ERA3AEB1961V Datasheet
189Kb / 4P
Metal Film Chip Resistors, High Reliability Type
ERA-3AEB333V PANASONIC-ERA-3AEB333V Datasheet
189Kb / 4P
Metal Film Chip Resistors, High Reliability Type
ERA-3AEB274V PANASONIC-ERA-3AEB274V Datasheet
189Kb / 4P
Metal Film Chip Resistors, High Reliability Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com