Electronic Components Datasheet Search
  English  ▼

X  

77045P Datasheet(PDF) 2 Page - CTS Corporation

Part # 77045P
Description  High-Reliability Cermet Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

77045P Datasheet(HTML) 2 Page - CTS Corporation

  77045P Datasheet HTML 1Page - CTS Corporation 77045P Datasheet HTML 2Page - CTS Corporation 77045P Datasheet HTML 3Page - CTS Corporation 77045P Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document No. 008-0339-0
Page 2 - 4
Rev. A
Series 770
Conformal Coated SIP Resistor Network
ORDERING INFORMATION
AVAILABLE RESISTOR VALUES & EIA CODE (E-24 Series)
Ohms Code Ohms Code Ohms Code Ohms Code Ohms Code Ohms Code Ohms Code Ohms Code Ohms Code Ohms Code
22
220
68
680
220
221
680
681
2.2K
222
6.8K
682
22.0K
223
68.0K
683
220K
224
680K
684
24
240
75
750
240
241
750
751
2.4K
242
7.5K
752
24.0K
243
75.0K
753
240K
244
750K
754
27
270
82
820
270
271
820
821
2.7K
272
8.2K
822
27.0K
273
82.0K
823
270K
274
820K
824
30
300
91
910
300
301
910
911
3.0K
302
9.1K
912
30.0K
303
91.0K
913
300K
304
910K
914
33
330
100
101
330
331
1.0K
102
3.3K
332
10.0K
103
33.0K
333
100K
104
330K
334
1M
105
36
360
110
111
360
361
1.1K
112
3.6K
362
11.0K
113
36.0K
363
110K
114
360K
364
39
390
120
121
390
391
1.2K
122
3.9K
392
12.0K
123
39.0K
393
120K
124
390K
394
43
430
130
131
430
431
1.3K
132
4.3K
432
13.0K
133
43.0K
433
130K
134
430K
434
47
470
150
151
470
471
1.5K
152
4.7K
472
15.0K
153
47.0K
473
150K
154
470K
474
51
510
160
161
510
511
1.6K
162
5.1K
512
16.0K
163
51.0K
513
160K
164
510K
514
56
560
180
181
560
561
1.8K
182
5.6K
562
18.0K
183
56.0K
563
180K
184
560K
564
62
620
200
201
620
621
2.0K
202
6.2K
622
20.0K
203
62.0K
623
200K
204
620K
624
SCHEMATIC 5, AVAILABE PART NUMBERS
R1 (ohms)
R2 (ohms)
R1/R2
Part Number
R1 (ohms)
R2 (ohms)
R1/R2
Part Number
81
130
81/130
77010581/130P
470
1K
470/1K
770105470/1KP
100
200
100/200
770105100/200P
560
1K
560/1K
770105560/1KP
100
150
100/150
770105100/150P
750
2.3K
750/2.3K
770105750/2.3KP
100
430
100/430
770105100/430P
1K
2K
1K/2K
7701051K/2KP
106
169
106/169
770105106/169P
1.1K
2.2K
1.1K/2.2K
7701051.1/2.2KP
120
180
120/180
770105120/180P
1K
3.3K
1K/3.3K
7701051K/3.3KP
121
195
121/195
770105121/195P
1.5K
1.5K
1.5K/1.5K
7701051.5/1.5KP
160
240
160/240
770105160/240P
1.5K
3.3K
1.5K/3.3K
7701051.5/3.3KP
162
260
162/260
770105162/260P
2.2K
4.4K
2.2K/4.4K
7701052.2/4.4KP
180
220
180/220
770105180/220P
2.2K
5.6K
2.2K/5.6K
7701052.2/5.6KP
180
270
180/270
770105180/270P
3K
6.2K
3K/6.2K
7701053K/6.2KP
180
300
180/300
770105180/300P
3.3K
4.7K
3.3K/4.7K
7701053.3/4.7KP
180
390
180/390
770105180/390P
3.9K
3.3K
3.9K/3.3K
7701053.9/3.3KP
220
270
220/270
770105220/270P
5K
5K
5K/5K
7701055K/5KP
220
330
220/330
770105220/330P
22K
56K
22K/56K
77010522K/56KP
250
250
250/250
770105250/250P
270
470
270/470
770105270/470P
330
330
330/330
770105330/330P
330
390
330/390
770105330/390P
330
470
330/470
770105330/470P
360
720
360/720
770105360/720P
390
620
390/620
770105390/620P
470
680
470/680
770105470/680P
750
750
750/750
770105750/750P
First K is omitted
Model 770105
Model 770105
For R1 and R2 <1k
For R1 or R2 >1k
PACKAGING INFORMATION
Standard packaging is bulk in bag. Device quantity is 250 pieces per bag.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com