Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT240DBLE Datasheet(PDF) 22 Page - Texas Instruments

Part # SN74AHCT240DBLE
Description  SNx4AHCT240 Octal Buffers/Drivers With 3-State Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT240DBLE Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN74AHCT240DBLE Datasheet HTML 18Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 19Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 20Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 21Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 22Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 23Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 24Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 25Page - Texas Instruments SN74AHCT240DBLE Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(9.3)
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
20X (2)
20X (0.6)
18X (1.27)
(R
)
TYP
0.05
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:6X
1
10
11
20
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com