Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT240DBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT240DBR
Description  SNx4AHCT240 Octal Buffers/Drivers With 3-State Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT240DBR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AHCT240DBR Datasheet HTML 1Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 2Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 3Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 4Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 5Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 6Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 7Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 8Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
SN54AHCT240, SN74AHCT240
SCLS252M – OCTOBER 1995 – REVISED APRIL 2016
www.ti.com
Product Folder Links: SN54AHCT240 SN74AHCT240
Submit Documentation Feedback
Copyright © 1995–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
7
V
VO
Output voltage range(2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0 or VO > VCC
±20
mA
IO
Continuous output current
VO = 0 to VCC
±25
mA
Continuous current through VCC or GND
±75
mA
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
0
1000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
0
2000
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs (SCBA004).
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
SN54AHCT240
SN74AHCT240
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level Input voltage
0.8
0.8
V
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
–8
–8
mA
IOL
Low-level output current
8
8
mA
TA
Operating free-air temperature
–55
125
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com