Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT240DW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AHCT240DW
Description  SNx4AHCT240 Octal Buffers/Drivers With 3-State Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT240DW Datasheet(HTML) 3 Page - Texas Instruments

  SN74AHCT240DW Datasheet HTML 1Page - Texas Instruments SN74AHCT240DW Datasheet HTML 2Page - Texas Instruments SN74AHCT240DW Datasheet HTML 3Page - Texas Instruments SN74AHCT240DW Datasheet HTML 4Page - Texas Instruments SN74AHCT240DW Datasheet HTML 5Page - Texas Instruments SN74AHCT240DW Datasheet HTML 6Page - Texas Instruments SN74AHCT240DW Datasheet HTML 7Page - Texas Instruments SN74AHCT240DW Datasheet HTML 8Page - Texas Instruments SN74AHCT240DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
4
1A2
5
2Y3
6
1A3
7
2Y2
8
1A4
14
1Y3
15
2A3
16
1Y2
17
2A4
18
1Y1
1
1OE_n
20
V
CC
 
2
1A1
19
2OE_n
3
2Y4
18
1Y1
4
1A2
17
2A4
5
2Y3
16
1Y2
6
1A3
15
2A3
7
2Y2
14
1Y3
8
1A4
13
2A2
9
2Y1
12
1Y4
10
GND
11
2A1
3
SN54AHCT240, SN74AHCT240
www.ti.com
SCLS252M – OCTOBER 1995 – REVISED APRIL 2016
Product Folder Links: SN54AHCT240 SN74AHCT240
Submit Documentation Feedback
Copyright © 1995–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
SN54AHCT240, J or W Package
SN74AHCT240, DB, DGV, DW, N, NS, or PW Package (20) Pin
Top View
SN54AHCT240 FK Package (20) Pin
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
1OE_n
I
Output Enable 1
2
1A1
I
1A1 Input
3
2Y4
O
2Y4 Output
4
1A2
I
1A2 Input
5
2Y3
O
2Y3 Output
6
1A3
I
1A3 Input
7
2Y2
O
2Y2 Output
8
1A4
I
1A4 Input
9
2Y1
O
2Y1 Output
10
GND
—
Ground Pin
11
2A1
I
2A1 Input
12
1Y4
O
1Y4 Output
13
2A2
I
2A2 Input
14
1Y3
O
1Y3 Output
15
2A3
I
2A3 Input
16
1Y2
O
1Y2 Output
17
2A4
I
2A4 Input
18
1Y1
O
1Y1 Output
19
2OE_n
I
Output Enable 2
20
VCC
—
Power Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com