Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G374DBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC1G374DBVT
Description  SINGLE D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G374DBVT Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G374DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G374DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN74LVC1G374
SINGLE DTYPE FLIPFLOP
WITH 3STATE OUTPUT
SCES520A − DECEMBER 2003 − REVISED JUNE 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = −100 mA
1.65 V to 5.5 V
VCC−0.1
IOH = −4 mA
1.65 V
1.2
V
IOH = −8 mA
2.3 V
1.9
V
VOH
IOH = −16 mA
3 V
2.4
V
IOH = −24 mA
3 V
2.3
IOH = −32 mA
4.5 V
3.8
IOL = 100 mA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
V
IOL = 8 mA
2.3 V
0.3
V
VOL
IOL = 16 mA
3 V
0.4
V
IOL = 24 mA
3 V
0.55
IOL = 32 mA
4.5 V
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
mA
IOZ
VO = 0 to 5.5 V
1.65 V to 5.5 V
±5
mA
Ioff
VI or VO = 5.5 V
0
±10
mA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
mA
∆ICC
One input at VCC − 0.6 V,
Other inputs at VCC or GND
3 V to 5.5 V
500
mA
Ci
VI = VCC or GND
3.3 V
3
pF
Co
VO = VCC or GND
3.3 V
6
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
100
125
150
175
MHz
tw
Pulse duration, CLK high or low
3.3
3
2.8
2.5
ns
tsu
Setup time, data before CLK
↑
3.5
2.5
2
1.5
ns
th
Hold time, data after CLK
↑
3.4
1.6
1.5
1.5
ns
switching characteristics over recommended operating free-air temperature range, CL = 15 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
100
125
150
175
MHz
tpd
CLK
Q
2.5
15
2
6
1.4
4
1
3
ns
ten
OE
Q
2.2
12
2
4.8
1.3
3.8
1.1
2.5
ns
tdis
OE
Q
2.2
11
2
4.8
1.6
4.5
1.2
3.1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com