Electronic Components Datasheet Search
  English  ▼

X  

TA7342P Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TA7342P
Description  LINEAR INTEGRATED CIRCUIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TA7342P Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TA7342P Datasheet HTML 1Page - List of Unclassifed Manufacturers TA7342P Datasheet HTML 2Page - List of Unclassifed Manufacturers TA7342P Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TA7342P
LINEAR INTEGRATED CIRCUIT
2
ABSOLUTE MAXIMUM RATINGS(Ta=25 C )
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
6
V
Lamp Voltage
VLAMP
8V
Lamp Current (continuous)
ILAMP
8mA
Power Dissipation
PD
500
mW
Operating Temperature Range
TOPR
-25 - +75
C
Storage Temperature Range
TSTG
-55 +150
C
ELECTRICAL CHARACTERISTICS
( Ta=25 C ,Vcc=3V, f=1kHz, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Circuit Current
ICCQ
At Lamp off
4.5
8
mA
Input Resistance
RIN
10
kW
Output Resistance
ROUT
456
kW
Maximum Input Voltage
Vi(max)
Lj+R=90%, P=10%
THD=5%, fm=1kHz
400
mVrms
Channel Separation
CS
L+R=180mV, P=20mV,fm=1kHz
30
35
dB
Total Harmonic Distortion(mono)
THD1
Vi=200mVrms (Monaural)
0.4
1
%
Total Harmonic Distortion (stereo)
THD2
L+R=1800mVrms,p=20mVrms,
fm=1kHz
0.5
%
Voltage Gain
GV
Vi=200mVrms
-6.5
-5
-3.5
dB
Channel Balance
CB
Vi=200mVrms
0
1.5
dB
Lamp ON Level
VL(ON)
pilot only
9
15
mV
Lamp OFF Level
VL(OFF)
pilot only
2
6
mV
Stereo Lamp Hysteresis
VH
From ON to OFF
3
mVrms
Carrier Leakage
C.L.
19kHz,L+R=180mV,P=20mVrms
31
dB
38kHz,L+R=180mV,P=20mVrms
60
dB
Capture range
C.R.
P=20mVrms
+-3
%
SCA Rejection Ratio
SCA Rej.
P=20mVrms, L+R=160mVrms,
SCA=200mVrms, fSCA=67kHz
80
dB
Signal to Noise Ratio
S/N
Vin=200mVrms, Rg=620W
82
dB
DC ELECTRICIAL CHARACTERISTICS
TERMINAL
ITEM DESCRIPTION
VALUE
UNIT
1
INPUT
0.7
V
2
LPF-1
2.4
V
3
VCC
3.0
V
4
VO
2.5
V
5GND
0
V
6
ST. LAMP
-
V
7
LPF-2
2.4
V
8
L-CH OUTPUT
1.0
V
9
R-CH OUTPUT
1.0
V
CONTEK
Contek Microelectronics Co.,Ltd.
http://www.contek-ic.com E-mail:sales@contek-ic.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com