Electronic Components Datasheet Search
  English  ▼

X  

SM8205SL Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SM8205SL
Description  High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8205SL Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SM8205SL Datasheet HTML 1Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 2Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 3Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 4Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 5Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8205SL Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
GENERAL DESCRIPTION
SM8205
FEATURES
● Wide input operating voltage range from 8V to 48V
● Internal 2% reference voltage
● Integrated PWM dimming N-channel MOSFET driver
● Dimming ratio: 1000:1
● 100KHz to 1MHz programmable high-frequency
operation
● Programmable slope compensation
● Input under-voltage protection
● LED short-circuit protection (SCP)
● LED open-voltage protection (OVP)
● Junction over-temperature shutdown protection
● Drivers LEDs in Boost, Buck-Boost, SEPIC Topology
● Cycle-by-cycle current limit
● Soft start
● Providing SOP-16 Package
● Single-string LED LCD backlighting
● High power LED drivers
● DC/DC Boost / Buck-Boost converter
● Automotive or Industrial
APPLICATIONS
TYPICAL APPLICATION CIRCUIT
www.samhop.com.tw
1
Rev. 2.0 @ 2011/10
The SM8205 is a current mode control wide-input
voltage (8V to 48V) LED driver IC specifically designed
to power one or multi-strings of high power LEDs. The
10V gate driver allow the use of standard level MOSFET
. The low voltage 5.0V VCC is used to power the internal
logic and also acts as a reference voltage to set the
current level. An external resistor sets the adjustable
switching frequency of the SM8205. The switching
frequency can be between 100KHz and 1MHz to
optimize efficiency, performance or external component
size. This controller uses a peak-current control scheme
(with programmable slope compensation), and includes
an internal transconductance amplifier to control the
output current in closed loop, enabling high output
current accuracy. Programmable MOSFET current limit
enables current limiting during input under-voltage and
output overload conditions. An internal 8V~48V linear
regulator powers the IC, elimination the need for a
separate power supply for the IC. The SM8205 provides
a TTL compatible PWM dimming input that can accept
an external control signal with a duty ratio of 0~100%
and frequency of up to a few kilohertz. The SM8205 also
provides a FAULT output which can be used to
disconnect the LEDs in case of a fault condition, using
an external disconnect N-channel MOSFET. The
SM8205 also offer the following protection functions:
LED open protection (OVP), LED short-circuit protection
(SCP), Junction over-temperature shutdown and input
under voltage lockout (UVLO).
L1
D1
Q1
Vin
8V to 48V
CIN
VCC
SS
RT
CLIM
PWMD
COMP
IREF
GND
FDBK
OVP
SC
FAULT
CS
GATE
VDD
VIN
5
6
7
8
9
10
11
13
12
14
15
16
CDD
RSLOPE
Rcs
Q2
Rsc
RL1
Cout
Rsn
Rcomp
Ccomp
RT
RL2
RR1
RR2
ROVP1
ROVP2
1
2
3
4
CCC


Similar Part No. - SM8205SL

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
Infinite Electronics In...
SM8205 FAIRVIEW-SM8205 Datasheet
506Kb / 4P
4.1/9.5 Mini DIN Male to N Female Adapter
REV 1.1
logo
Sinopower Semiconductor...
SM8205AO SINOPWER-SM8205AO Datasheet
243Kb / 11P
Dual N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SM8205AO VBSEMI-SM8205AO Datasheet
1Mb / 8P
Dual N-Channel 25-V (D-S) MOSFET
logo
Sinopower Semiconductor...
SM8205AOC-TRG SINOPWER-SM8205AOC-TRG Datasheet
243Kb / 11P
Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - SM8205SL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16831 MAXIM-MAX16831 Datasheet
301Kb / 20P
High-Voltage, High-Power LED Driver with Analog and PWM Dimming Control
Rev 0; 4/07
MAX16812 MAXIM-MAX16812 Datasheet
352Kb / 21P
Integrated High-Voltage LED Driver with Analog and PWM Dimming Control
Rev 0; 7/07
MAX16834 MAXIM-MAX16834 Datasheet
183Kb / 23P
High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 2; 5/09
MAX16834 MAXIM-MAX16834_10 Datasheet
204Kb / 23P
High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 3; 1/10
MAX16834 MAXIM-MAX16834_15 Datasheet
233Kb / 23P
High-Power LED Driver with Integrated High-Side LED Current Sense and PWM Dimming MOSFET Driver
Rev 5; 1/15
logo
M.S. Kennedy Corporatio...
SM8205 MSK-SM8205 Datasheet
437Kb / 13P
High-Power LED Driver with Integrated PWM Dimming MOSFET Driver
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
Constant Current LED Driver with PWM Dimming
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
Boost White LED Driver With High Frequency PWM Dimming
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
BUCK LED DRIVER WITH PWM DIMMING
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com