Electronic Components Datasheet Search
  English  ▼

X  

ERF5 Datasheet(PDF) 3 Page - Samtec, Inc

Part # ERF5
Description  0,50 mm (.0197?? Edge Rate??Rugged High Speed Socket / Terminal Strip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

ERF5 Datasheet(HTML) 3 Page - Samtec, Inc

  ERF5 Datasheet HTML 1Page - Samtec, Inc ERF5 Datasheet HTML 2Page - Samtec, Inc ERF5 Datasheet HTML 3Page - Samtec, Inc ERF5 Datasheet HTML 4Page - Samtec, Inc ERF5 Datasheet HTML 5Page - Samtec, Inc ERF5 Datasheet HTML 6Page - Samtec, Inc ERF5 Datasheet HTML 7Page - Samtec, Inc ERF5 Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Product Specification
Series: ERF5 / ERM5 0,50 mm (.0197
”) Edge Rate™ Rugged High Speed Socket / Terminal Strip
Revision: D
Date: September 23, 2015
© 2013 Samtec, Inc.
Page 3
3.7 Environmental:
ITEM
TEST CONDITION
REQUIREMENT
STATUS
Thermal Shock
EIA-364-32
Thermal Cycles: 100 (30 minute dwell)
Hot Temp: +85°C
Cold Temp: -55°C
Hot/Cold Transition: Immediate
Visual Inspection: No Damage
LLCR: Δ 15 mΩ
DWV: 575 VAC
IR: >100,000 MΩ
Pass
Thermal Aging
(Temp Life)
EIA-364-17
Test Condition 4 @ 105°C Condition B
for 250 hours
Visual Inspection: No Damage
LLCR: Δ 15 mΩ
DWV: 575 VAC
IR: >100,000 MΩ
Pass
Cyclic Humidity
EIA-364-31
Test Temp: +25°C to +65°C
Relative Humidity: 90 to 95%
Test Duration: 240 hours
Visual Inspection: No Damage
LLCR: Δ 15 mΩ
DWV: 575 VAC
IR: >100,000 MΩ
Pass
Gas Tight
EIA-364-36
Gas Exposure: Nitric Acid Vapor
Duration: 60 min.
Drying Temp.: 50°C +/- 3°C
Measurements: Within 1 hour of
Exposure
LLCR: Δ 15 mΩ
Pass



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com