Electronic Components Datasheet Search
  English  ▼

X  

QMSS Datasheet(PDF) 1 Page - Samtec, Inc

Part # QMSS
Description  QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QMSS Datasheet(HTML) 1 Page - Samtec, Inc

  QMSS Datasheet HTML 1Page - Samtec, Inc QMSS Datasheet HTML 2Page - Samtec, Inc QMSS Datasheet HTML 3Page - Samtec, Inc QMSS Datasheet HTML 4Page - Samtec, Inc QMSS Datasheet HTML 5Page - Samtec, Inc QMSS Datasheet HTML 6Page - Samtec, Inc QMSS Datasheet HTML 7Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product Specification
Series:
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
© 2004 Samtec, Inc.
Reviewed by:
JET
Revision: B
Specification:
PSQ-005
Approved by:
JT
Date:2/16/2011
Checked by:
JE
Page 1
1.0 SCOPE
1.1 This specification covers performance, tests and quality requirements for
the Samtec QMSS/QFSS High Speed Socket/Terminal 0.625 mm pitch
2.0 ELECTRICAL
2.1 Dielectric Withstanding Voltage, DWV, per EIA-364-20
2.1.1 900 VAC mated with QFSS
2.2 Insulation Resistance, IR, per EIA-364-21
2.2.1
> 5,000 Meg Ohms --- PASS
2.3 Low Level Contact Resistance, LLCR, per EIA-364--23
2.3.1
27.9 milli Ohms Average - Contact System
2.4 Current Carrying Capacity for a 30°C temp rise, CCC, per EIA-364-70
2.4.1
3.4 A (4 Contacts in series)
2.4.2
7.8 A - GND System, Two Banks
3.0 MATERIALS
3.1 Insulator Material
3.1.1
LCP
3.2 Contact
3.2.1
Copper Alloy with Gold over 50 micro Inches Nickel
4.0 MECHANICAL
4.1 Operational Temperature
4.1.1
-55 degrees C to 125 degrees C
4.2 Mating/Unmating forces, per EIA-364-13
4.2.1
22.8/16.7 lbs respectively - Four Banks
4.3 Durability after 100 cycles per EIA-364-23
4.3.1
LLCR change < 15.0 milli-Ohms (L- plating) --- PASS
4.4 Normal Force at 0.006 inches deflection, per EIA-364-04
4.4.1
141.9 gr.


Similar Part No. - QMSS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QMSS-016-06.75-L-D SAMTEC-QMSS-016-06.75-L-D Datasheet
430Kb / 1P
SHIELDED GROUND PLANE HEADER
More results

Similar Description - QMSS

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DFM-PA080-S931-345-FA DDK-DFM-PA080-S931-345-FA Datasheet
290Kb / 3P
0.635??Pitch Stacking Shielded Connector
logo
Yamaichi Electronics Co...
YFT-41-250-A YAMAICHI-YFT-41-250-A Datasheet
243Kb / 3P
Shielded High Speed FFC
logo
3M Electronics
N7E50-7516PK-20 3M-N7E50-7516PK-20 Datasheet
663Kb / 6P
Single row solder tails with 0.635 mm spacing
13-Sep-2007
logo
Samtec, Inc
ERF5 SAMTEC-ERF5 Datasheet
682Kb / 8P
0,50 mm (.0197?? Edge Rate??Rugged High Speed Socket / Terminal Strip
LSEM SAMTEC-LSEM Datasheet
675Kb / 8P
0,80 mm (.0315?? Razor Beam??High Speed Hermaphroditic Terminal/Socket Strip
QFSS SAMTEC-QFSS Datasheet
278Kb / 7P
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
QMS SAMTEC-QMS Datasheet
869Kb / 8P
0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
QSE SAMTEC-QSE Datasheet
603Kb / 8P
0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSH SAMTEC-QSH Datasheet
606Kb / 8P
0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSH-RA SAMTEC-QSH-RA Datasheet
606Kb / 8P
0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com