Electronic Components Datasheet Search
  English  ▼

X  

QRF8 Datasheet(PDF) 1 Page - Samtec, Inc

Part # QRF8
Description  .8MM Q-RATE SOCKET ASSEMBLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QRF8 Datasheet(HTML) 1 Page - Samtec, Inc

  QRF8 Datasheet HTML 1Page - Samtec, Inc QRF8 Datasheet HTML 2Page - Samtec, Inc QRF8 Datasheet HTML 3Page - Samtec, Inc QRF8 Datasheet HTML 4Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESIGNED & DIMENSIONED
IN MILLIMETERS[INCHES]
DO NOT
SCALE FROM
THIS PRINT
1.00
REF
.039
"E" REF
1.25 .049
REF
0.23 .009
REF
"A"
"A"
QRF8-XXX-XX.X-DV-XX
(SEE TABLE 3)
"A" REF
"B" REF
"C"
0.80
(TYP)
.031
(TOL NON ACCUM)
24.80
(TYP)
.976
103
104
01
02
QRF8-XXX-XX.X-X-D-XX-A-XX
No OF POSITIONS
LEAD STYLE
-05.0 = 5mm
-07.0 = 7mm
PLATING SPECIFICATION
-L: LIGHT SELECTIVE GOLD / MATTE TIN
(USE C-266-XX.X-L & T-1G39-XX.X-L)
-S: SELECTIVE GOLD / MATTE TIN
(USE C-266-XX.X-S & T-1G39-XX.X-S)
-D: DOUBLE VERTICAL
ROW SPECIFICATION
OPTION
-026, -052 & -078
(-018, -036, & -054 FOR -DP ONLY)
-GP: GUIDE POST
(SHEET 3, FIG 3)
(SEE NOTE 8)
-K: POLYIMIDE FILM PAD
-TR: TAPE & REEL
(SEE NOTE 4)
-A: ALIGNMENT PIN
OPTION
-DP: DIFFERENTIAL PAIRS
OPTION
REF
"D"
0.80
(TYP)
.031
(TOL NON ACCUM)
1.20 .047
REF
"C"
'B'
CL
CL
1.45±0.12 .057±.005
1.16
REF
.046
"F" ±0.13
(SEE NOTES 5, 6, 7 & 9)
4.41 .173
1.04
REF
.041
4.60
REF
.181
0.20 .008
REF
SECTION "A"-"A"
SCALE 5 : 1
C-266-XX.X-X
(SEE TABLE 3)
CL
T-1G39-XX.X-X
(SEE TABLE 3)
(SEE NOTE 5)
SEE TABLE 1
C
FIG 1
(QRF8-052-05.0-X-D-A SHOWN)
SHEET OF
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN
MILLIMETERS [INCHES].
TOLERANCES ARE:
DECIMALS
ANGLES
X.X: 0.3 [.01]
2
X.XX: 0.13 [.005]
X.XXX: 0.050 [.0020]
MATERIAL:
.8MM Q-RATE SOCKET ASSEMBLY
BY:
QRF8-XXX-XX.X-X-D-XX-A-XX
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
DO NOT SCALE DRAWING
M MURILLO
7/10/2008
4
1
SHEET SCALE: 2:1
INSULATOR: LCP, COLOR: BLACK
CONTACT: BeCu
GROUND PLANE: PHOS BRONZE
F:\DWG\MISC\MKTG\QRF8-XXX-XX.X-X-D-XX-A-XX-MKT.SLDDRW
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail: info@SAMTEC.com
code: 55322
NOTES:
1.
REPRESENTS A CRITICAL DIMENSION.
2. BURR ALLOWANCE: 0.038[.0015] MAX.
3. MINIMUM PUSHOUT FORCE: SIGNAL: 1.80 N [.4 LB.]
GROUND PLANE 4.44 N [1 LB.]
4. PARTS TO BE PACKAGED IN TRAYS, UNLESS -TR OPTION IS SPECIFIED.
-054 & -078 POSITION NOT AVAILABLE IN TAPE AND REEL.
5. DIMENSION APPLIES TO CONTACTS & GROUND PLANE.
6. GROUND PLANE PRESS HEIGHT MUST BE .003 [.08] LESS
THAN THE MAX HEIGHT OR .001 [.03] GREATER THAN THE
MINIMUM HEIGHT OF THE TERMINAL.
7. MAX VARIANCE OF 0.05 [.002]
8.
PARTS WITH THE -GP OPTION MUST MATE TO -GP OPTIONED
QRM8 PARTS AND PARTS WITH NON -GP OPTION MUST MATE
TO NON-GP OPTIONED QRM8 PARTS
9. GROUND PLANE AIR PRESSURE TO BE SET AT 20-25 PSI
REVISION H


Similar Part No. - QRF8

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QRF8-026-05.0-L-D-A-GP SAMTEC-QRF8-026-05.0-L-D-A-GP Datasheet
522Kb / 1P
SLIM BODY GROUND PLANE SOCKET
QRF8-052-01-L-RA-GP SAMTEC-QRF8-052-01-L-RA-GP Datasheet
436Kb / 1P
RIGHT-ANGLE GROUND PLANE SOCKET
More results

Similar Description - QRF8

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QSE-040-01-L-D-A SAMTEC-QSE-040-01-L-D-A Datasheet
798Kb / 5P
.8mm DOUBLE ROW HS SOCKET ASSEMBLY
VHDCR-XX-01-M-RA SAMTEC-VHDCR-XX-01-M-RA Datasheet
336Kb / 2P
8mm RIGHT ANGLE SOCKET ASSEMBLY
QRM8 SAMTEC-QRM8 Datasheet
1Mb / 4P
.8MM Q-RATE TERMINAL ASSEMBLY
QSE-EM SAMTEC-QSE-EM Datasheet
379Kb / 2P
.8mm EDGE MOUNT HS SOCKET ASSEMBLY
BSE-020-01-F-D-A SAMTEC-BSE-020-01-F-D-A Datasheet
171Kb / 1P
.8mm DOUBLE ROW SOCKET ASSEMBLY
BTE-020-01-L-D-A-K SAMTEC-BTE-020-01-L-D-A-K Datasheet
652Kb / 3P
.8mm DOUBLE ROW TERMINAL ASSEMBLY
ERF8-060-05.0-S-DV-K-TR SAMTEC-ERF8-060-05.0-S-DV-K-TR Datasheet
655Kb / 6P
0.8MM EDGE RATE SOCKET ASSEMBLY
QSE-020-01-L-D-EM2 SAMTEC-QSE-020-01-L-D-EM2 Datasheet
382Kb / 2P
.8mm EDGE MOUNT HS SOCKET ASSEMBLY
logo
TE Connectivity Ltd
108-94451 TEC-108-94451 Datasheet
1Mb / 20P
HV 8mm Socket terminal 180 DEG HV 8mm Buchsenkontakt 180 Grad
C-SRK-PC-080-1635-XX TEC-C-SRK-PC-080-1635-XX Datasheet
145Kb / 1P
CONTACT, SOCKET 8mm DIA SRK SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com