Electronic Components Datasheet Search
  English  ▼

X  

QRM8 Datasheet(PDF) 2 Page - Samtec, Inc

Part # QRM8
Description  .8MM Q-RATE TERMINAL ASSEMBLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QRM8 Datasheet(HTML) 2 Page - Samtec, Inc

  QRM8 Datasheet HTML 1Page - Samtec, Inc QRM8 Datasheet HTML 2Page - Samtec, Inc QRM8 Datasheet HTML 3Page - Samtec, Inc QRM8 Datasheet HTML 4Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
"H" 0.50[.020]
5.00 .197
"L"
"L"
FIG 2
-K OPTION
(USE K-DOT-.197-.344-.005)
(QRM8-026-02.0-X-D-A-K SHOWN)
3°
MAX SWAY
T-1M53-XX.X-X
(ALL TAILS SAME DIRECTION)
IN PROCESS 1
CUT T-1M53-XX.X-X COMBS
2.200-0.200
+0.050 .0866
-.0079
+.0020
"E"
C
C
C
IN PROCESS 2
FILL T-1M53-XX.X-X TERMINALS
0.10 [.004]
"G"
SECTION "L"-"L"
SCALE 3 : 1
"M" REF
FIG 3
(QRM8-052-05.0-X-D-A SHOWN)
(SAME AS FIG 1 EXCEPT AS SHOWN)
"A" REF
"J" REF
0.11±0.076 .004±.003
"H" 0.50[.020]
5.00 .197
(QRM8-052-05.0-X-D-A-K SHOWN)
* = NOT AVAILABLE IN -02.0 LEAD STYLE
* = NOT AVAILABLE IN -02.0 LEAD STYLE
SHEET OF
.8MM Q-RATE TERMINAL ASSEMBLY
BY:
QRM8-XXX-XX.X-X-D-XX-A-XX
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
DO NOT SCALE DRAWING
CLAY W
8/27/2008
4
2
SHEET SCALE: 2:1
REVISION J
F:\DWG\MISC\MKTG\QRM8-XXX-XX.X-X-D-XX-A-XX-MKT.SLDDRW
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail info@SAMTEC.com
code 55322



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com