Electronic Components Datasheet Search
  English  ▼

X  

BTS770G Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # BTS770G
Description  TrilithIC Quad switch driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS770G Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button BTS770G Datasheet HTML 9Page - Siemens Semiconductor Group BTS770G Datasheet HTML 10Page - Siemens Semiconductor Group BTS770G Datasheet HTML 11Page - Siemens Semiconductor Group BTS770G Datasheet HTML 12Page - Siemens Semiconductor Group BTS770G Datasheet HTML 13Page - Siemens Semiconductor Group BTS770G Datasheet HTML 14Page - Siemens Semiconductor Group BTS770G Datasheet HTML 15Page - Siemens Semiconductor Group BTS770G Datasheet HTML 16Page - Siemens Semiconductor Group BTS770G Datasheet HTML 17Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
BTS 770 G
Semiconductor Group
13
1999-01-07
Control Inputs of Lowside Switches GL1, 2
Gate-threshold-voltage
V
GL(th)
0.8
1.6
2.5
V
V
GL = VDSL;
I
DL = 1 mA
Transconductance
g
fs
–5–S
V
DSL = 20 V;
I
DL = 20 A
Switching Times of Lowside Switch
Switch-ON delay time;
V
GS = 5 V; RGS = 50Ω
t
d_ON_L
–
25
40
ns
resistive load
I
SL = 1 A; VS = 12 V
Switch-ON time;
V
GS = 5 V; RGS = 50Ω
t
ON_L
–
95
140
ns
resistive load
I
SL = 1 A; VS = 12 V
Switch-OFF delay time;
V
GS = 5 V; RGS = 50Ω
t
d_OFF_L
–
140
190
ns
resistive load
I
SL = 1 A; VS = 12 V
Switch-OFF time;
V
GS = 5 V; RGS = 50Ω
t
OFF_L
–
85
115
ns
resistive load
I
SL = 1 A; VS = 12 V
Thermal Shutdown
Thermal shutdown junction
temperature
T
jSD
155
–
190
°C–
Thermal switch-on junction
temperature
T
jSO
150
–
180
°C–
Temperature hysteresis
∆T
–10
–
°C
∆T = T
jSD –TjSO
Electrical Characteristics (cont’d)
I
SH1 = ISH2 = ISL1 = ISL2 = 0 A; – 40 °C < Tj < 150 °C; 8 V > VS > 18 V
unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com