Electronic Components Datasheet Search
  English  ▼

X  

SP211 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP211
Description  5V RS-232 Serial Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP211 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP211 Datasheet HTML 2Page - Exar Corporation SP211 Datasheet HTML 3Page - Exar Corporation SP211 Datasheet HTML 4Page - Exar Corporation SP211 Datasheet HTML 5Page - Exar Corporation SP211 Datasheet HTML 6Page - Exar Corporation SP211 Datasheet HTML 7Page - Exar Corporation SP211 Datasheet HTML 8Page - Exar Corporation SP211 Datasheet HTML 9Page - Exar Corporation SP211 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com SP206, 207, 208, 2_0_060
6
DESCRIPTION
RECEIVERS
The receivers convert RS-232 input signals to
inverted TTL signals. Since the input is usu-
ally from a transmission line where long cable
length and system interference can degrade
the signal, the inputs have a typical hysteresis
margin of 500mV. This ensures that the re-
ceiver is virtually immune to noisy transmission
lines. Should an input be left unconnected, an
internal 5kohm pull-down resistor to ground will
commit the output of the receiver to a HIGH
state.
SHUTDOWN MODE
The SP206 and SP2 feature a control input
(SD) which will disable the device and reduce
the power supply current to less than 0µA,
making the parts ideal for battery-powered sys-
tems. In the "shutdown" mode the receivers
and transmitters will both be tri-stated. The V+
output of the charge pump will discharge to Vcc
and the V- output will discharge to ground.
ENAblE (EN)
The SP206 and SP2 feature an enable input
which allows the receiver outputs to be either
tri-stated or enabled. This can be especially
useful when the receiver is tied directly to a
microprocessor data bus. The enable pin is
active high.
Figure . Charge Pump Waveforms
+0V
-0V
GND
GND
a) C2+
b) C2+
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
+
+
–
–
–
–
Figure 2, Charge pump - Phase 
TRANSMITTER/DRIVER
The drivers are inverting transmitters, which ac-
cept either TTL or CMOS inputs and output the
RS-232 output signals with an inverted sense
relative to the input logic levels. Typically, the
RS-232 output voltage swing is +/-9V with no
load, and +/-5V minimum with full load. The
transmitter outputs are protected against infi-
nite short-circuits to ground without degrada-
tion in reliability. The drivers of the SP206 and
SP2 can be tri-stated by using the SHUT-
DOWN function.
In the "power off" state, the output impedance
will remain greater than 300 Ohms, again satis-
fying the RS-232 specifications. Should the input
of the driver be left open, an internal 400kOhm
pull-up resistor to Vcc forces the input high, thus
committing the output to a low state. The slew
rate of the transmitter output is internally limited
to a maximum of 30V/µs in order to meet he EIA
standards (EIA RS-232D 2,,7, Paragraph 5).
The transition of the loaded output from high to
low also meets the monotonicity requirements
of the standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com