Electronic Components Datasheet Search
  English  ▼

X  

SP338E Datasheet(PDF) 4 Page - Exar Corporation

Part # SP338E
Description  RS-232/RS-485/RS-422 TRANSCEIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP338E Datasheet(HTML) 4 Page - Exar Corporation

  SP338E Datasheet HTML 1Page - Exar Corporation SP338E Datasheet HTML 2Page - Exar Corporation SP338E Datasheet HTML 3Page - Exar Corporation SP338E Datasheet HTML 4Page - Exar Corporation SP338E Datasheet HTML 5Page - Exar Corporation SP338E Datasheet HTML 6Page - Exar Corporation SP338E Datasheet HTML 7Page - Exar Corporation SP338E Datasheet HTML 8Page - Exar Corporation SP338E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SP338E
4
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
REV. 1.0.0
PIN DESCRIPTIONS BY MODE (MODE2, MODE1, MODE0)
Pin
Name
000,
Figure 1
001,
Figure 2
010,
Figure 3
011,
Figure 4
100,
Figure 5
101,
Figure 6
110,
Figure 7
111,
Figure 8
21
R9
R5 Input
R2 Input B
R1 Input B
R4 Input B
22
R8
R4 Input
R2 Input A
R4 Input A
23
GND
Ground
24
R7
T3 Output
T2 Out A
R1 Input A
R3 Input A
T2 Out A
25
R6
R3 Input
T2 Out B
R3 Input B
T2 Out B
26
GND
Ground
27
R4
T2 Output
R1 Input B
R1 Input B
T1 Out A
R1 Input A
T1 Out A
R2 Input B
28
R3
T1 Output
R2 Input A
R1 Input A
R2 Input A
29
GND
Ground
30
R2
R2 Input
R1 Input A
T1 Out A
T1 Out A
T1 Out A
R1 Input A
T1 Out A
31
R1
R1 Input
R1 Input B
T1 Out B
T1 Out B
T1 Out B
T1 Out B
R1 Input B
T1 Out B
R1 Input B
T1 Out B
32
VCC
VCC
33
VSS
VSS - Charge pump negative supply, 0.1uF from ground
34
C2-
C2+ - Charge pump cap 2 negative lead
35
C1-
C1- - Charge pump cap 1 negative lead
36
GND
Ground
37
C1+
C1+ - Charge pump cap 1 positive lead, 0.1uF
38
VCC
VCC
39
C2+
C2+ - Charge pump cap 2 positive lead, 0.1uF
40
VDD
VDD - Charge pump positive supply, 0.1uF to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com