Electronic Components Datasheet Search
  English  ▼

X  

QTS Datasheet(PDF) 1 Page - Samtec, Inc

Part # QTS
Description  0,635mm High Speed Socket / Terminal Strips
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QTS Datasheet(HTML) 1 Page - Samtec, Inc

  QTS Datasheet HTML 1Page - Samtec, Inc QTS Datasheet HTML 2Page - Samtec, Inc QTS Datasheet HTML 3Page - Samtec, Inc QTS Datasheet HTML 4Page - Samtec, Inc QTS Datasheet HTML 5Page - Samtec, Inc QTS Datasheet HTML 6Page - Samtec, Inc QTS Datasheet HTML 7Page - Samtec, Inc QTS Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product Specification
Series: QSS / QTS 0,635mm High Speed Socket / Terminal Strips
Revision: E
Date: November 11, 2015
© 2012 Samtec, Inc.
Page 1
QSS Series
– Socket, Vertical Orientation
QTS Series
– Terminal, Vertical Orientation
Other configurations available for:
Co-planar and perpendicular board-to-board applications
Rugged features / end options
Packaging options
See www.samtec.com for more information.


Similar Part No. - QTS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QTS-025-01-F-D-A SAMTEC-QTS-025-01-F-D-A Datasheet
111Kb / 2P
RECOMMENDED PCB LAYOUT
QTS-025-01-L-D-A SAMTEC-QTS-025-01-L-D-A Datasheet
332Kb / 1P
HIGH-SPEED GROUND PLANE HEADER
More results

Similar Description - QTS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
LSS SAMTEC-LSS Datasheet
700Kb / 8P
0,635mm (.025?? Razor Beam??High Speed Hermaphroditic Terminal/Socket Strip
QFS SAMTEC-QFS Datasheet
869Kb / 8P
0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
QMS SAMTEC-QMS Datasheet
869Kb / 8P
0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
QSE SAMTEC-QSE Datasheet
603Kb / 8P
0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSH SAMTEC-QSH Datasheet
606Kb / 8P
0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSH-RA SAMTEC-QSH-RA Datasheet
606Kb / 8P
0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSS SAMTEC-QSS Datasheet
646Kb / 8P
0,635mm High Speed Socket / Terminal Strips
QTE SAMTEC-QTE Datasheet
603Kb / 8P
0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QTH SAMTEC-QTH Datasheet
606Kb / 8P
0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
ERM8 SAMTEC-ERM8 Datasheet
579Kb / 2P
RUGGED HIGH-SPEED STRIPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com