Electronic Components Datasheet Search
  English  ▼

X  

CAT3200 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT3200
Description  Low Noise Regulated Charge Pump DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3200 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT3200 Datasheet HTML 1Page - Catalyst Semiconductor CAT3200 Datasheet HTML 2Page - Catalyst Semiconductor CAT3200 Datasheet HTML 3Page - Catalyst Semiconductor CAT3200 Datasheet HTML 4Page - Catalyst Semiconductor CAT3200 Datasheet HTML 5Page - Catalyst Semiconductor CAT3200 Datasheet HTML 6Page - Catalyst Semiconductor CAT3200 Datasheet HTML 7Page - Catalyst Semiconductor CAT3200 Datasheet HTML 8Page - Catalyst Semiconductor CAT3200 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CAT3200, CAT3200-5
Low Noise Regulated Charge Pump DC-DC Converter
DESCRIPTION
The CAT3200 and CAT3200-5 are switched capacitor
boost converters that deliver a low noise, regulated
output voltage. The CAT3200-5 gives a fixed regulated
5V output. The CAT3200 has an adjustable output
using external resistors. The constant frequency 2MHz
charge pump allows small 1
µF ceramic capacitors to
be used.
Maximum output loads of up to 100mA can be
supported over a wide range of input supply voltages
(2.7V to 4.5V) making the device ideal for battery-
powered applications.
FEATURES
s Constant high frequency (2MHz) operation
s 100mA output current
s Regulated output voltage (5V fixed CAT3200-5,
Adjustable CAT3200)
s Low quiescent current (1.7mA typ.)
s Input voltage operation down to 2.7V
s Soft start, slew rate control
s Thermal overload shutdown protection
s Low value external capacitors (1
µF)
s Foldback current overload protection
s Shutdown current less than 1
µA
s CAT3200-5 in low profile (1mm thin) 6-lead
SOT23 package
s CAT3200 in MSOP-8 package
© 2004 by Catalyst Semiconductor, Inc.
Doc. No. 5002, Rev. E
APPLICATIONS
s 3V to 5V boost conversion
s White LED driver
s USB On-The-Go 5V supply
A shutdown control input allows the device to be
placed in power-down mode, reducing the supply
current to less than 1
µA.
In the event of short circuit or overload conditions, the
device is fully protected by both foldback current
limiting and thermal overload detection. In addition, a
soft start, slew rate control circuit limits inrush current
during power-up.
The CAT3200-5 is available in a 6-lead, 1mm max
thin SOT23 package. The CAT3200 is available in an
8-lead MSOP package.
s Local 5V supply from lower rail
s Battery backup systems
s Handheld portable devices
TYPICAL APPLICATION
CAT3200-5
CNEG
CPOS
IN
OUT
ON OFF
SHDN
GND
+
-
5V Output
3.3V
CAT3200
CNEG
CPOS
IN
OUT
ON OFF
SHDN
GND
+
-
3.3V
VIN
5V
100mA
VOUT
Adjustable Output
VIN
FB
R1
R2
100mA
VOUT
VOUT = 1.27 V 1+
( R1
R2
ALO
GEN FR
TM
LEAD FREE


Similar Part No. - CAT3200

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT3200 CATALYST-CAT3200 Datasheet
557Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
CAT3200 CATALYST-CAT3200 Datasheet
228Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
Catalyst Semiconductor
CAT3200-5 CATALYST-CAT3200-5 Datasheet
867Kb / 28P
Catalyst Semiconductor
More results

Similar Description - CAT3200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3200TDI-T3 ONSEMI-CAT3200TDI-T3 Datasheet
190Kb / 13P
Low Noise Regulated Charge Pump DC-DC Converter
Doc. No. MD-5002, Rev. N
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
CAT3200HU2 ONSEMI-CAT3200HU2 Datasheet
187Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
April, 2010 ??Rev. 0
CAT3200ES6-5 ONSEMI-CAT3200ES6-5 Datasheet
189Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
October, 2013 ??Rev. 15
CAT3200 ONSEMI-CAT3200_14 Datasheet
134Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
April, 2014 ??Rev. 16
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
Low Noise Regulated Charge Pump DC/DC Converter
SD6214A SHOUDING-SD6214A Datasheet
840Kb / 7P
Low Noise,Regulated Charge Pump DC/DC Converter
logo
AiT Semiconductor Inc.
A7801 AITSEMI-A7801 Datasheet
399Kb / 10P
DC-DC CONVERTER LOW NOISE, REGULATED CHARGE PUMP
REV1.0
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
Low Noise, Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com