Electronic Components Datasheet Search
  English  ▼

X  

LM4929 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4929
Description  Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4929 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4929 Datasheet HTML 9Page - Texas Instruments LM4929 Datasheet HTML 10Page - Texas Instruments LM4929 Datasheet HTML 11Page - Texas Instruments LM4929 Datasheet HTML 12Page - Texas Instruments LM4929 Datasheet HTML 13Page - Texas Instruments LM4929 Datasheet HTML 14Page - Texas Instruments LM4929 Datasheet HTML 15Page - Texas Instruments LM4929 Datasheet HTML 16Page - Texas Instruments LM4929 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LM4929
www.ti.com
SNAS293B – DECEMBER 2004 – REVISED APRIL 2013
In addition to system cost and size, turn on time is affected by the size of the input coupling capacitor Ci. A larger
input coupling capacitor requires more charge to reach its quiescent DC voltage. This charge comes from the
output via the feedback Thus, by minimizing the capacitor size based on necessary low frequency response,
turn-on time can be minimized. A small value of Ci (in the range of 0.1µF to 0.39µF), is recommended.
AUDIO POWER AMPLIFIER DESIGN
A 25mW/32
Ω AUDIO AMPLIFIER
Given:
Power Output
25mWrms
Load Impedance
32
Ω
Input Level
1Vrms
Input Impedance
20k
Ω
A designer must first determine the minimum supply rail to obtain the specified output power. By extrapolating
from the Output Power vs Supply Voltage graphs in the Typical Performance Characteristics section, the supply
rail can be easily found.
3V is a standard voltage in most applications, it is chosen for the supply rail. Extra supply voltage creates
headroom that allows the LM4929 to reproduce peak in excess of 25mW without producing audible distortion. At
this time, the designer must make sure that the power supply choice along with the output impedance does not
violate the conditions explained in the POWER DISSIPATION section.
Once the power dissipation equations have been addressed, the required gain can be determined from
Equation 5.
(5)
From Equation 5, the minimum AV is 0.89; use AV = 1. Since the desired input impedance is 20kΩ, and with a AV
gain of 1, a ratio of 1:1 results from Equation 1 for Rf to Ri. The values are chosen with Ri = 20kΩ and Rf = 20kΩ.
The final design step is to address the bandwidth requirements which must be stated as a pair of -3dB frequency
points. Five times away from a -3dB point is 0.17dB down from passband response which is better than the
required ± 0.25dB specified.
fL = 100Hz/5 = 20Hz
fH = 20kHz * 5 = 100kHz
As stated in the External Components section, Ri in conjunction with Ci creates a
Ci ≥ 1 / (2π * 20kΩ * 20Hz) = 0.397µF; use 0.39µF.
The high frequency pole is determined by the product of the desired frequency pole, fH, and the differential gain,
AV. With an AV = 1 and fH = 100kHz, the resulting GBWP = 100kHz which is much smaller than the LM4929
GBWP of 10MHz. This figure displays that is a designer has a need to design an amplifier with higher differential
gain, the LM4929 can still be used without running into bandwidth limitations.
Figure 32 shows an optional resistor connected between the amplifier output that drives the headphone jack
sleeve and ground. This resistor provides a ground path that supressed power supply hum. Thishum may occur
in applications such as notebook computers in a shutdown condition and connected to an external powered
speaker. The resistor's 100
Ω value is a suggested starting point. Its final value must be determined based on the
tradeoff between the amount of noise suppression that may be needed and minimizing the additional current
drawn by the resistor (25mA for a 100
Ω resistor and a 5V supply).
ESD PROTECTION
As stated in the Absolute Maximum Ratings, the LM4929 has a maximum ESD susceptibility rating of 2000V. For
higher ESD voltages, the addition of a PCDN042 dual transil (from California Micro Devices), as shown in
Figure 32, will provide additional protection.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4929



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com