Electronic Components Datasheet Search
  English  ▼

X  

SP6123 Datasheet(PDF) 13 Page - Exar Corporation

Part # SP6123
Description  Synchronous Step-Down PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6123 Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP6123 Datasheet HTML 9Page - Exar Corporation SP6123 Datasheet HTML 10Page - Exar Corporation SP6123 Datasheet HTML 11Page - Exar Corporation SP6123 Datasheet HTML 12Page - Exar Corporation SP6123 Datasheet HTML 13Page - Exar Corporation SP6123 Datasheet HTML 14Page - Exar Corporation SP6123 Datasheet HTML 15Page - Exar Corporation SP6123 Datasheet HTML 16Page - Exar Corporation SP6123 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
Date: 9/13/04
SP6123 Low Voltage, Synchronous Step Down PWM Controller
© Copyright 2004 Sipex Corporation
fP(LC) =
1
2
π√ LCOUT
The open loop gain of the whole system can be
divided into the gain of the error amplifier,
PWM modulator, buck converter, and feedback
resistor divider. In order to crossover at the
selected frequency fco, the gain of the error
amplifier has to compensate for the attenuation
caused by the rest of the loop at this frequency.
In the RC network shown in Figure 1, the product
of R1 and the error amplifier transconductance
determines this gain. Therefore, R1 can be de-
termined from the following equation that takes
into account the typical error amplifier
transconductance, reference voltage and PWM
ramp built into the SP6123.
R1 =
2083VOUT fCO fZ(ESR)
VIN fP(LC)2
In Figure 1, R1 and C1 provides a zero fZ1 which
needs to be placed at or below fP(LC). If fZ1 is
made equal to fP(LC) for convenience, the value
of C1 can be calculated as
C1 =
1
2
πfP(LC)R1
The optional C2 generates a pole fP1 with R1 to
cut down high frequency noise for reliable op-
eration. This pole should be placed one decade
higher than the crossover frequency to avoid
erosion of phase margin. Therefore, the value of
the C2 can be derived from
C2 =
1
20
πfCOR1
Figure 2 illustrates the overall loop frequency
response and frequency of each pole and zero.
To fine-tune the compensation, it is necessary to
physically measure the frequency response us-
ing a network analyzer.
Gain
-20db/dec
-40db/dec
-20db/dec
-20db/dec
-20db/dec
Error Amplifier
Loop
f
f
fZ1 fP(LC) fZ(ESR)
fCO
fP1
Figure 2. Frequency response of a stable system and its
error amplifier.
D1
MBR0530
BST
SWN
VCC
VFB
COMP
GH
GL
GND
R1
5.0
RZ
20k
CB
2.2µF
SP6123A
U1
CP
47pF
Q1
FDS6890A
CIN
47µF Ceramic
R2
80k
1.6V/4A
CBST
1µF
L1
1µH
COUT
4x47µF Ceramic
R3
80k
C1
330pF
D2
STPS2L25U
CZ
680pF
3V to 5.5V
Q1
FDS6890A
1
2
3
4
8
7
6
5
Figure 3. SP6123 Buck converter design with ceramic output capacitors.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com