Electronic Components Datasheet Search
  English  ▼

X  

SP6120EY Datasheet(PDF) 21 Page - Exar Corporation

Part # SP6120EY
Description  Low Voltage, AnyFETTM, Synchronous,Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6120EY Datasheet(HTML) 21 Page - Exar Corporation

Back Button SP6120EY Datasheet HTML 14Page - Exar Corporation SP6120EY Datasheet HTML 15Page - Exar Corporation SP6120EY Datasheet HTML 16Page - Exar Corporation SP6120EY Datasheet HTML 17Page - Exar Corporation SP6120EY Datasheet HTML 18Page - Exar Corporation SP6120EY Datasheet HTML 19Page - Exar Corporation SP6120EY Datasheet HTML 20Page - Exar Corporation SP6120EY Datasheet HTML 21Page - Exar Corporation SP6120EY Datasheet HTML 22Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
Date: 1/21/05
SP6120 Low Voltage, AnyFETTM, Synchronous, Buck Controller
© Copyright 2005 Sipex Corporation
PACKAGE:
PLASTIC THIN SMALL
OUTLINE
(TSSOP)
DIMENSIONS
in inches (mm)
Minimum/Maximum
16–PIN
A
A1
Ø
L
B
e
A
A1
B
D
E1
e
E2
L
Ø
- /0.043
(- /1.10)
0.002/0.006
(0.05/0.15)
0.007/0.012
(0.19/0.30)
0.193/0.201
(4.90/5.10)
0.169/0.177
(4.30/4.50)
0.026 BSC
(0.65 BSC)
0.126 BSC
(3.20 BSC)
0.020/0.030
(0.50/0.75)
0°/8°
E2
D
E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com