Electronic Components Datasheet Search
  English  ▼

X  

PCA9517D Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9517D
Description  PCA9517 Level-Translating
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9517D Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCA9517D Datasheet HTML 9Page - Texas Instruments PCA9517D Datasheet HTML 10Page - Texas Instruments PCA9517D Datasheet HTML 11Page - Texas Instruments PCA9517D Datasheet HTML 12Page - Texas Instruments PCA9517D Datasheet HTML 13Page - Texas Instruments PCA9517D Datasheet HTML 14Page - Texas Instruments PCA9517D Datasheet HTML 15Page - Texas Instruments PCA9517D Datasheet HTML 16Page - Texas Instruments PCA9517D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PCA9517
SDA
SDA
SCL
SCLA
SCL
EN
V
CCA
V
CCB
SDAB
SCLB
10 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
PCA9517
SDAA
SDA
SCLA
SCL
EN
SDAB
SCLB
10 k
Ω
10 k
Ω
PCA9517
SDAA
SDA
SCLA
SCL
EN
SDAB
SCLB
10 k
Ω
10 k
Ω
BUS
MASTER
SLAVE
400 kHz
SLAVE
400 kHz
SLAVE
400 kHz
SDAA
Not Recommended for New Designs
PCA9517
www.ti.com
SCPS157E – DECEMBER 2007 – REVISED JUNE 2014
Typical Application (continued)
Figure 8. Typical Star Application
9.1.1 Design Requirements
The PCA9517 is 5-V tolerant, so it does not require any additional circuitry to translate between 0.9-V to 5.5-V
bus voltages and 2.7-V to 5.5-V bus voltages.
When the A side of the PCA9517 is pulled low by a driver on the I2C bus, a comparator detects the falling edge
when it goes below 0.3 VCCA and causes the internal driver on the B side to turn on, causing the B side to pull
down to about 0.5 V. When the B side of the PCA9517 falls, first a CMOS hysteresis-type input detects the
falling edge and causes the internal driver on the A side to turn on and pull the A-side pin down to ground. In
order to illustrate what would be seen in a typical application, refer to Figure 9 and Figure 10. If the bus master in
Figure 7 were to write to the slave through the PCA9517, waveforms shown in Figure 9 would be observed on
the A bus. This looks like a normal I2C transmission, except that the high level may be as low as 0.9 V, and the
turn on and turn off of the acknowledge signals are slightly delayed.
On the B-side bus of the PCA9517, the clock and data lines would have a positive offset from ground equal to
the VOL of the PCA9517. After the eighth clock pulse, the data line is pulled to the VOL of the slave device, which
is very close to ground in this example. At the end of the acknowledge, the level rises only to the low level set by
the driver in the PCA9517 for a short delay, while the A-bus side rises above 0.3 VCCA and then continues high.
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: PCA9517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com