Electronic Components Datasheet Search
  English  ▼

X  

EMIF04-2005QCF Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF04-2005QCF
Description  EMI FILTER INCLUDING ESD PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF04-2005QCF Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF04-2005QCF Datasheet HTML 1Page - STMicroelectronics EMIF04-2005QCF Datasheet HTML 2Page - STMicroelectronics EMIF04-2005QCF Datasheet HTML 3Page - STMicroelectronics EMIF04-2005QCF Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
EMIF04-2005QCF
®
December 2002 - Ed: 1A
IEC61000-4-2:
15kV
(air discharge)
8 kV
(contact discharge)
MIL STD 883E - Method 3015-6 Class 3:
25kV
(human body test)
COMPLIES WITH THE FOLLOWING STANDARDS:
QFN 2x2 mm 8 pins
8
1
7
2
GND
6
3
5
4
Input
Output
Low-pass Filter
Input
Output
Low-pass Filter
Input
Output
Low-pass Filter
Input
Output
Low-pass Filter
18
27
36
45
PIN CONFIGURATION
s
EMI symmetrical low-pass filter
s
Low PCB space consuming: 4 mm
2
s
Very thin package < 1 mm
s
High reliability offered by monolithic integration
BENEFITS
EMI FILTER INCLUDING ESD PROTECTION
IPAD.TM
Where EMI filtering in ESD sensitive equipment is
required :
s
Computers and printer
s
Communication systems
s
Mobile phones
APPLICATIONS:
The EMIF04-2005QCF is a highly integrated device
designed to suppress EMI/RFI noise in all systems
subjected to electromagnetic interferences. Additionally,
the EMIF04-2005QCF filter includes an ESD protection
circuitry which prevents destruction when subjected to
ESD discharge up to 15kV.
DESCRIPTION
TM : IPAD is a trademark of STMicroelectronics.
Input
Output
Low-pass Filter
R = 200
C = 50pF max.
Ω
BASIC CELL CONFIGURATION


Similar Part No. - EMIF04-2005QCF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF04-2005QCF STMICROELECTRONICS-EMIF04-2005QCF Datasheet
54Kb / 6P
EMI FILTER INCLUDING ESD PROTECTION
01-Apr-2005
EMIF04-2005QCF STMICROELECTRONICS-EMIF04-2005QCF_05 Datasheet
54Kb / 6P
EMI FILTER INCLUDING ESD PROTECTION
01-Apr-2005
More results

Similar Description - EMIF04-2005QCF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF01-10005W5 STMICROELECTRONICS-EMIF01-10005W5 Datasheet
159Kb / 10P
EMI FILTER INCLUDING ESD PROTECTION
May-1999
EMIF01-10018W5 STMICROELECTRONICS-EMIF01-10018W5 Datasheet
150Kb / 10P
EMI FILTER INCLUDING ESD PROTECTION
Sep-1999
EMIF09-02726SX STMICROELECTRONICS-EMIF09-02726SX Datasheet
156Kb / 12P
EMI FILTER INCLUDING ESD PROTECTION
02-Apr-1000
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ Datasheet
32Kb / 4P
EMI FILTER INCLUDING ESD PROTECTION
05-Nov-2002
EMIF10-1K010F1 STMICROELECTRONICS-EMIF10-1K010F1 Datasheet
232Kb / 13P
EMI FILTER INCLUDING ESD PROTECTION
July 2002 - Ed: 3C
EMIF10-COM01F2 STMICROELECTRONICS-EMIF10-COM01F2 Datasheet
114Kb / 7P
EMI FILTER INCLUDING ESD PROTECTION
12-Apr-2005
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2 Datasheet
76Kb / 7P
EMI FILTER INCLUDING ESD PROTECTION
12-Oct-2004
EMIF08-2005QEJ STMICROELECTRONICS-EMIF08-2005QEJ_05 Datasheet
51Kb / 6P
EMI FILTER INCLUDING ESD PROTECTION
01-Apr-2005
EMIF04-2005QCF STMICROELECTRONICS-EMIF04-2005QCF_05 Datasheet
54Kb / 6P
EMI FILTER INCLUDING ESD PROTECTION
01-Apr-2005
EMIF10-COM01C2 STMICROELECTRONICS-EMIF10-COM01C2 Datasheet
199Kb / 7P
EMI Filter including ESD protection
04-Apr-2006
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com