| Electronic Components Datasheet Search |
|
PCI6421 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PCI6421 Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 6 page ![]() www.ti.com FEATURES DESCRIPTION PCI6621/PCI6611 PCI6421/PCI6411 SLLA243 – JULY 2006 Dual/Single Socket CardBus and UltraMedia Controller With Dedicated Flash Media and Smart Card Sockets • Programmable multifunction terminals • PC Card Standard 8.1 compliant • Many interrupt modes supported • PCI Bus Power Management Interface • Serial ROM interface for loading subsystem Specification 1.1 compliant ID and subsystem vendor ID • Advanced Configuration and Power Interface • ExCA-compatible registers are mapped in (ACPI) Specification 2.0 compliant memory or I/O space • PCI Local Bus Specification Revision 2.3 • Intel 82365SL-DF register compatible compliant • Supports ring indicate, SUSPEND, and PCI • PC 98/99 and PC2001 compliant CLKRUN protocols and PCI bus Lock (LOCK) • Windows Logo Program 2.0 compliant • Provides VGA/palette memory and I/O, and subtractive decoding options, LED activity • PCI Bus Interface Specification for terminals PCI-to-CardBus Bridges • Compliant with Intel Mobile Power Guideline • 1.5-V core logic and 3.3-V I/O cells with 2000 internal voltage regulator to generate 1.5-V core VCC • Power-down features to conserve energy in battery-powered applications include: • Universal PCI interfaces compatible with automatic device power down during 3.3-V and 5-V PCI signaling environments suspend • Supports PC Card or CardBus with hot • PCI power-management D0, D1, D2, and D3 insertion and removal power states • Supports 132-MBps burst transfers to • Advanced submicron, low-power CMOS maximize data throughput on both the PCI technology bus and the CardBus • Supports serialized IRQ with PCI interrupts The Texas Instruments PCI6621 controller is an integrated dual-socket UltraMedia PC Card controller, Smart Card controller, and flash media controller. This high-performance integrated solution provides the latest in PC Card, Smart Card, Secure Digital (SD), MultiMediaCard (MMC), Memory Stick/PRO, SmartMedia, and XD technology. The Texas Instruments PCI6421 controller is an integrated dual-socket UltraMedia PC Card controller, and flash media controller. This high-performance integrated solution provides the latest in PC Card, SD, MMC, Memory Stick/PRO, SmartMedia, and XD technology. The Texas Instruments PCI6611 controller is an integrated single-socket UltraMedia PC Card controller, Smart Card controller, and flash media controller. This high-performance integrated solution provides the latest in PC Card, Smart Card, SD, MMC, Memory Stick/PRO, SmartMedia, and XD technology. The Texas Instruments PCI6411 controller is an integrated single-socket UltraMedia PC Card controller and flash media controller. This high-performance integrated solution provides the latest in PC Card, SD, MMC, Memory Stick/PRO, SmartMedia, and XD technology. NOTE: Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2006, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - PCI6421 |
|
Similar Description - PCI6421 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |