Electronic Components Datasheet Search
  English  ▼

X  

PCM1600 Datasheet(PDF) 8 Page - Texas Instruments

Part # PCM1600
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1600 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1600 Datasheet HTML 4Page - Texas Instruments PCM1600 Datasheet HTML 5Page - Texas Instruments PCM1600 Datasheet HTML 6Page - Texas Instruments PCM1600 Datasheet HTML 7Page - Texas Instruments PCM1600 Datasheet HTML 8Page - Texas Instruments PCM1600 Datasheet HTML 9Page - Texas Instruments PCM1600 Datasheet HTML 10Page - Texas Instruments PCM1600 Datasheet HTML 11Page - Texas Instruments PCM1600 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
®
8
PCM1600, PCM1601
TOTAL HARMONIC DISTORTION + NOISE
vs TEMPERATURE
(V
DD = 3.3V)
Temperature (
°C)
10
1
0.1
0.01
0.001
–25
0
25
50
75
100
44.1kHz, 384f
S
44.1kHz, 384f
S
96kHz, 384f
S
–60dB
0dB
96kHz, 384f
S
DYNAMIC RANGE vs TEMPERATURE
(V
DD = 3.3V)
Temperature (
°C)
110
108
106
104
102
100
98
96
–25
0
25
50
75
100
96kHz, 384f
S
44.1kHz, 384f
S
TYPICAL PERFORMANCE CURVES (Cont.)
All specifications at +25
°C, V
CC = 5V, VDD = 3.3V, SYSCLK = 384fS (fS = 44.1kHz), and 24-bit input data, unless otherwise noted.
ANALOG DYNAMIC PERFORMANCE (con.t)
Temperature Characteristics
SIGNAL-TO-NOISE RATIO vs TEMPERATURE
(V
DD = 3.3V)
Temperature (
°C)
110
108
106
104
102
100
98
96
–25
0
25
50
100
75
96kHz, 384f
S
44.1kHz, 384f
S
CHANNEL SEPARATION vs TEMPERATURE
(V
DD = 3.3V)
Temperature (
°C)
110
108
106
104
102
100
98
96
–25
0
25
50
75
100
96kHz, 384f
S
44.1kHz, 384f
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com