Electronic Components Datasheet Search
  English  ▼

X  

PCM1740 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1740
Description  DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1740 Datasheet(HTML) 2 Page - Texas Instruments

  PCM1740 Datasheet HTML 1Page - Texas Instruments PCM1740 Datasheet HTML 2Page - Texas Instruments PCM1740 Datasheet HTML 3Page - Texas Instruments PCM1740 Datasheet HTML 4Page - Texas Instruments PCM1740 Datasheet HTML 5Page - Texas Instruments PCM1740 Datasheet HTML 6Page - Texas Instruments PCM1740 Datasheet HTML 7Page - Texas Instruments PCM1740 Datasheet HTML 8Page - Texas Instruments PCM1740 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PCM1740
2
SBAS128B
www.ti.com
PIN
NAME
I/O
FUNCTION
1
XT1
—
27MHz Crystal connection.
2
PGND
—
PLL and VCXO ground.
3
XTUN
IN
VCXO tune, tuning voltage range from 0V to 3V.
4VPP
—
PLL and VCXO power supply, +5V.
5
MCKO
OUT
Buffered clock output of VCXO.
6
AD0
IN
Device address pin for I2C-BUS.(1)
7
AD1
IN
Device address pin for I2C-BUS.(1)
8
SCL
IN
Bit clock input for I2C-BUS interface.
9SDA
IN/OUT Serial data for I2C-BUS interface.
10
RST
IN
Reset, active LOW.(2)
11
VOUTR
OUT
Right-channel analog voltage output.
12
AGND
—
Analog ground.
13
VCC
—
Analog power supply, +5V.
14
VOUTL
OUT
Left-channel analog voltage output.
15
VCOM
—
DC common-mode voltage output.
16
ZERO
OUT
Zero flag output, active LOW.(3)
17
BCK
IN
Bit clock input for serial audio data.(1)
18
DATA
IN
Serial audio data input.(1)
19
LRCK
IN
Left and right word clock, equal to the sampling
rate (fS).(1)
20
RSV
—
Reserved must be open.
21
SCKO
OUT
System clock output, 256/384 fS.
22
VDD
—
Digital power supply, +5V.
23
DGND
—
Digital ground.
24
XT2
—
27MHz Crystal connection.
NOTES: (1) Schmitt trigger input.
(2) Schmitt trigger input with internal pull-up resistor.
(3) Open drain output.
Power Supply Voltage(2) ................................................................... +6.5V
Supply Voltage Differences(3) ...........................................................
±0.1V
GND Voltage Differences(4) ..............................................................
±0.1V
Digital Input Voltage ................................................. –0.3V to (VDD + 0.3V)
Analog Input Voltage ................................................ –0.3V to (VCC + 0.3V)
Input Current (any pins except supplies) ........................................
±10mA
Operating Temperature Range ......................................... –25
°C to +85°C
Storage Temperature ...................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 5s) .................................................. +260
°C
Package Temperature (IR reflow, peak, 10s) ................................ +235
°C
NOTES: (1) Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability. (2) VCC, VDD, VPP.
(3) Among VCC, VDD, VPP. (4) Among AGND, DGND, and PGND.
PIN ASSIGNMENTS
PIN CONFIGURATION
Top View
SSOP
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause
damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA
PCM1740E
SSOP-24
DB
–25
°C to +85°C
PCM1740E
PCM1740E
Rails, 58
"
"
"
"
PCM1740E
PCM1740E/2K
Tape and Reel, 2000
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI website at www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
XT1
PGND
XTUN
V
PP
MCKO
AD0
AD1
SCL
SDA
RST
V
OUTR
AGND
PCM1740
XT2
DGND
V
DD
SCKO
RSV
LRCK
DATA
BCK
ZERO
V
COM
V
OUTL
V
CC
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com