Electronic Components Datasheet Search
  English  ▼

X  

FM25CL64 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM25CL64
Description  64Kb FRAM Serial 3V Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25CL64 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM25CL64 Datasheet HTML 1Page - Ramtron International Corporation FM25CL64 Datasheet HTML 2Page - Ramtron International Corporation FM25CL64 Datasheet HTML 3Page - Ramtron International Corporation FM25CL64 Datasheet HTML 4Page - Ramtron International Corporation FM25CL64 Datasheet HTML 5Page - Ramtron International Corporation FM25CL64 Datasheet HTML 6Page - Ramtron International Corporation FM25CL64 Datasheet HTML 7Page - Ramtron International Corporation FM25CL64 Datasheet HTML 8Page - Ramtron International Corporation FM25CL64 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This product conforms to specifications per the terms of the Ramtron
Ramtron International Corporation
standard warranty. Production processing does not necessarily in-
1850 Ramtron Drive, Colorado Springs, CO 80921
clude testing of all parameters.
(800) 545-FRAM, (719) 481-7000, Fax (719) 481-7058
www.ramtron.com
Rev. 2.1
Apr. 2003
Page 1 of 13
FM25CL64
64Kb FRAM Serial 3V Memory
Features
64K bit Ferroelectric Nonvolatile RAM
•
Organized as 8,192 x 8 bits
•
Unlimited Read/Write Cycles
•
10 Year Data Retention
•
NoDelay™ Writes
•
Advanced High-Reliability Ferroelectric Process
Very Fast Serial Peripheral Interface - SPI
•
Up to 20 MHz Frequency
•
Direct Hardware Replacement for EEPROM
•
SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)
Sophisticated Write Protection Scheme
•
Hardware Protection
•
Software Protection
Low Power Consumption
•
Low Voltage Operation 2.7-3.65V
•
1
µA Standby Current
Industry Standard Configuration
•
Industrial Temperature -40
°C to +85°C
•
8-pin SOIC
Description
The FM25CL64 is a 64-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or FRAM is
nonvolatile and performs reads and writes like a
RAM. It provides reliable data retention for 10 years
while eliminating the complexities, overhead, and
system
level
reliability
problems
caused
by
EEPROM and other nonvolatile memories.
Unlike serial EEPROMs, the FM25CL64 performs
write operations at bus speed. No write delays are
incurred. The next bus cycle may commence
immediately without the need for data polling. The
next bus cycle may start immediately. In addition, the
product offers virtually unlimited write endurance,
orders of magnitude more endurance than EEPROM.
Also, FRAM exhibits much lower power during
writes than EEPROM since write operations do not
require an internally elevated power supply voltage
for write circuits.
These capabilities make the FM25CL64 ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection,
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time of EEPROM can cause data loss.
The FM25CL64 provides substantial benefits to users
of
serial
EEPROM
as
a
hardware
drop-in
replacement. The FM25CL64 uses the high-speed
SPI bus, which enhances the high-speed write
capability
of
FRAM
technology.
Device
specifications are guaranteed over an industrial
temperature range of -40°C to +85°C.
Pin Configuration
Pin Name
Function
/CS
Chip Select
/WP
Write Protect
/HOLD
Hold
SCK
Serial Clock
SI
Serial Data Input
SO
Serial Data Output
VDD
Supply Voltage
VSS
Ground
Ordering Information
FM25CL64-S
8-pin SOIC
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5


Similar Part No. - FM25CL64

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25CL64 RAMTRON-FM25CL64 Datasheet
137Kb / 13P
64Kb FRAM Serial 3V Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
7Mb / 28P
VersaKit-30xx Development System Overview
Rev 2.0
FM25CL64-GA RAMTRON-FM25CL64-GA Datasheet
137Kb / 13P
64Kb FRAM Serial 3V Memory
FM25CL64B RAMTRON-FM25CL64B Datasheet
307Kb / 14P
64Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25CL64B CYPRESS-FM25CL64B Datasheet
509Kb / 14P
64Kb Serial 3V F-RAM Memory
More results

Similar Description - FM25CL64

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24CL64 ETC-FM24CL64 Datasheet
96Kb / 13P
64Kb 2.7V-3.6V FRAM Serial Memory
logo
Ramtron International C...
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
64Kb FRAM Serial 3V Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
64Kb FRAM Serial Memory
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
512Kb FRAM Serial 3V Memory
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
256Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
16Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
64Kb Serial 3V FRAM Memory
FM25640 RAMTRON-FM25640_05 Datasheet
187Kb / 13P
64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
64Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com