Electronic Components Datasheet Search
  English  ▼

X  

SP691ACP Datasheet(PDF) 10 Page - Exar Corporation

Part # SP691ACP
Description  Low Power Microprocessor Supervisory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP691ACP Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP691ACP Datasheet HTML 6Page - Exar Corporation SP691ACP Datasheet HTML 7Page - Exar Corporation SP691ACP Datasheet HTML 8Page - Exar Corporation SP691ACP Datasheet HTML 9Page - Exar Corporation SP691ACP Datasheet HTML 10Page - Exar Corporation SP691ACP Datasheet HTML 11Page - Exar Corporation SP691ACP Datasheet HTML 12Page - Exar Corporation SP691ACP Datasheet HTML 13Page - Exar Corporation SP691ACP Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Date: 4/18/05
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2005 Sipex Corporation
10
The SP691A/693A/800L/800M devices are
microprocessor (
µP) supervisory circuits that
monitor the power supplied to digital circuits
such as microprocessors, microcontrollers, or
memory. The SP691A/693A/800L/800M series
is an ideal solution for portable, battery-
powered equipment that require power supply
monitoring. The SP691A/693A/800L/800M
watchdog functions will continuously oversee
the operational status of a system. Implementing
the SP691A/693A/800L/800M series will
reduce the number of components and overall
complexity in a design that requires power
supply monitoring circuitry. The operational
features and benefits of this series are described
in more detail below.
Figure 17. Typical Application Circuit of the SP691A/693A/800L/800M
RESET
NMI
I/O LINE
VCC
RESET
PFO
WDI
GND
VBATT
R2
R1
Unregulated DC
Regulated +5V
VCC
PFI
µP
CMOS
RAM1
to
RAMn
CEOUT
BATT ON
VOUT
Address
Decode
BUS
CEIN
Backup
Supply
VCC
A0-A15
0.1µF
alarm
system
status
indicator
WDO
LOWLINE
The SP691A/693A/800L/800M series is a
complete
µP supervisor IC and provides the
following main functions:
1)
µP reset ➡ Reset output is asserted during
power fluxiations such as power-up,
power-down, and brown out conditions, and
is guaranteed to be in the correct state for
VCC down to 1V, even with no battery in
the circuit.
2)
µP reset ➡ Reset output is pulsed if the
optional watchdog timer has not been
toggled within a specified time.
3) Power Fail Comparator ➡ Provides for
power-fail warning and low-battery
detection, or monitors another power
supply.
FEATURES
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com