Electronic Components Datasheet Search
  English  ▼

X  

SP6654EU Datasheet(PDF) 12 Page - Exar Corporation

Part # SP6654EU
Description  High Efficiency 800mA Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6654EU Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP6654EU Datasheet HTML 8Page - Exar Corporation SP6654EU Datasheet HTML 9Page - Exar Corporation SP6654EU Datasheet HTML 10Page - Exar Corporation SP6654EU Datasheet HTML 11Page - Exar Corporation SP6654EU Datasheet HTML 12Page - Exar Corporation SP6654EU Datasheet HTML 13Page - Exar Corporation SP6654EU Datasheet HTML 14Page - Exar Corporation SP6654EU Datasheet HTML 15Page - Exar Corporation SP6654EU Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
Date: 2/1/05
SP6654 High Efficiency 800mA Synchronous Buck Regulator
© Copyright 2005 Sipex Corporation
For the 22
µF POSCAP with 0.04Ω ESR, and a
10
µH inductor yielding 200mA inductor current
ripple ILR, the VOUT ripple would be 8mVpp.
Since 8mV is a very small signal level, the actual
value would probably be larger due to noise and
layout issues, but this illustrates that the SP6654
output ripple can be very low indeed. To improve
stability, a small ceramic capacitor, CF = 22pF
should be paralleled with the feedback voltage
divider RF, as shown on the typical application
schematic on page 1. Another function of the
output capacitance is to hold up the output voltage
during the load transients and prevent excessive
overshoot and undershoot. The typical perfor-
mance characteristics curves show very good load
step transient response for the SP6654 with the
recommended output capacitance of 22
µF ce-
ramic.
The input capacitor will reduce the peak current
drawn from the battery, improve efficiency and
significantly reduce high frequency noises in-
duced by a switching power supply. The typical
input capacitor for the SP6654 is 22
µF ceramic,
POSCAP or Aluminum Polymer. These capaci-
tors will provide good high frequency bypassing
and their low ESR will reduce resistive losses for
higher efficiency. An RC filter is recommended
for the VIN pin 2 to effectively reduce the noise for
the ICs analog supply rail which powers sensitive
circuits. This time constant needs to be at least 5
times greater than the switching period, which is
calculated as 1/FLP during the CCM mode. The
typical application schematic uses the values of
RVIN = 10Ω and CVIN = 1µF to meet these require-
ments.
APPLICATION INFORMATION
current ripple of almost 300mA would produce
very stable regulation and fast load transient
response at the expense of slightly reduced
efficiency.
Other inductor parameters are important: the in-
ductor current rating and the DC resistance. When
the current through the inductor reaches the level
of
ISAT, the inductance drops to 70% of the
nominal value. This non-linear change can cause
stability problems or excessive fluctuation in in-
ductor current ripple. To avoid this, the inductor
should be selected with saturation current at least
equal to the maximum output current of the con-
verter plus half the inductor current ripple. To
provide the best performance in dynamic condi-
tions such as start-up and load transients, inductors
should be chosen with saturation current close to
the SP6654 inductor current limit of 1.25A.
DC resistance, another important inductor charac-
teristic, directly affects the efficiency of the con-
verter, so inductors with minimum DC resistance
should be chosen for high efficiency designs.
Recommended inductors with low DC resistance
are listed in table 2. Preferred inductors for on
board power supplies with the SP6654 are mag-
netically shielded types to minimize radiated mag-
netic field emissions.
Capacitor Selection
The SP6654 has been designed to work with very
low ESR output capacitors (listed in Table 2
Component Selection) which for the typical appli-
cation circuit are 22
µF ceramic, POSCAP or Alu-
minum Polymer. These capacitors combine small
size, low ESR and good value. To regulate the
output with low ESR capacitors of 0.01
Ω or less,
an internal ramp voltage VRAMP has been added to
the FB signal to reliably trip the loop comparator
(as described in the Operations section).
Output ripple for a buck regulator is determined
mostly by output capacitor ESR, which for the
SP6654 with a constant inductor current ripple can
be expressed as:
VOUT (ripple) = ILR * RESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com