Electronic Components Datasheet Search
  English  ▼

X  

SP6682 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP6682
Description  High Efficiency White LED Charge Pump Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6682 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP6682 Datasheet HTML 2Page - Exar Corporation SP6682 Datasheet HTML 3Page - Exar Corporation SP6682 Datasheet HTML 4Page - Exar Corporation SP6682 Datasheet HTML 5Page - Exar Corporation SP6682 Datasheet HTML 6Page - Exar Corporation SP6682 Datasheet HTML 7Page - Exar Corporation SP6682 Datasheet HTML 8Page - Exar Corporation SP6682 Datasheet HTML 9Page - Exar Corporation SP6682 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
S
SP
P6
66
68
82
2
H
Hiig
gh
h E
Effffiic
ciie
en
nc
cy
y W
Wh
hiitte
e L
LE
ED
D C
Ch
ha
arrg
ge
e P
Pu
um
mp
p R
Re
eg
gu
ulla
atto
orr
© 2009 Exar Corporation
6/13
Rev. 2.0.0
THEORY OF OPERATION
OVERVIEW
The SP6682 is a current regulated charge
pump ideal for converting a Li-Ion battery
input for driving white LEDs used in back-
lighting color displays, Cell Phone Camera
Flash, PDAs, digital cameras and MP3 players.
The SP6682’s proprietary AutoBoost feature
enables the IC to automatically trans-ition
from X1.5 boost mode to X2 boost mode
based on battery input voltage for optimal
efficiency and performance. The SP6682 is
able to efficiently drive up to six 20mA white
LEDs in parallel and maintain a constant
brightness over a very wide operating voltage
range (2.7V to 5.5V). The SP6682 operates
with an internal 600kHz clock, enabling the
use of small external components. Other
features of SP6682 include PWM dimming
control
as
well
as
complete
input/out
disconnect in shutdown. In shutdown mode
the IC draws less than 1.5μA current. The
output regulation is achieved by sensing the
voltage at the feedback pin and modulating
the switcher between the charge pump and
output capacitor.
OPERATION
The SP6682 regulated charge pump block
diagram consists of four main blocks (Voltage
Reference, Mode Control, Clock Manager,
Start-up and Charge-Pump Switches) and two
comparators (VMODE Comparator and VOUT
Comparator).
Voltage Reference.
This block provides the 306mV and 1.25V
reference
voltages
needed
for
the
two
comparators.
Mode Control
An external voltage divider connected to the
VMODE pin will define an input voltage to the
mode comparator which sets the logic state of
the mode selec-tion outputs to the x2 or x1.5
modes. VMODE is compared to a 1.25V bandgap
voltage. For example, if one makes a
158KΩ/100KΩ divider, the mode will change
at 2.58 x 1.25 V = 3.23V. A comparator-based
cycle-by-cycle regulation ensures that no
mode change occurs during cycles.
Clock Manager
An internal 600 kHz clock is generated in this
block. Depending on the mode control, the
appropriate clock phasing is generated here
and sent to the start-up and charge-pump
switches block.
Start-up and Charge Pump Switches
During
start-up,
until
the
reference
is
established, this block keeps the charge pump
inactive. During this period the output stays
floating, and by consequence the charge pump
drivers are now referenced to VOUT.Charging
of the output will occur (e.g. when VIN is
ramped up to 4.2V, VOUT ramps only up to
about
3V),
but
not
to
the
value
of
VIN,protecting
the
White
LEDs
from
experiencing high input voltages. Another
important operation of this block is the
PWM/EN
dim-ming
control,
which
is
implemented in the delay of each pump driver,
so that the enable high pulse width is
proportional to the delay of the individual
pump switches.
VOUT Comparator and Output Control
A 306mV reference voltage is compared to
feedback
output
voltage
to
control
the
VOUTneeded
for
the
application.
Output
current is set by a bias resistor from FB pin to
GND pin chosen by the relationship:
FB
FB
OUT
R
V
I
=
where VFB = 306mV.
CONFIGURING THE SP6682 AS VOLTAGE
OR CURRENT SOURCE
The white LED load configuration used by
customers can be discrete white LEDs or a
white LED module. Inside the white LED
module, there may or may not be resistors in
series with the white LEDs. According to the
different application requirements, the SP6682
can be configured as either a voltage source or
a current source to provide solutions for these



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com