Electronic Components Datasheet Search
  English  ▼

X  

DS14196 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14196
Description  EIA/TIA-232 5 Driver x 3 Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14196 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS14196 Datasheet HTML 1Page - National Semiconductor (TI) DS14196 Datasheet HTML 2Page - National Semiconductor (TI) DS14196 Datasheet HTML 3Page - National Semiconductor (TI) DS14196 Datasheet HTML 4Page - National Semiconductor (TI) DS14196 Datasheet HTML 5Page - National Semiconductor (TI) DS14196 Datasheet HTML 6Page - National Semiconductor (TI) DS14196 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS14196
EIA/TIA-232 5 Driver x 3 Receiver
General Description
The DS14196 is a five driver, three receiver device which
conforms to the EIA/TIA-232-E and the ITU-T V.28 stan-
dards.
The flow-through pinout facilitates simple non-crossover
board layout. The DS14196 provides a peripheral side
one-chip solution for the common 9-pin serial RS-232 inter-
face between data terminals and data communications
equipment.
The DS14196 offers optimum performance when used with
the DS141853x5 Driver/Receiver, a host side one-chip so-
lution for the common 9-pin serial RS-232 interface between
data terminals and data communications equipment.
Features
n
Replaces two 1488s and one 1489
n
Conforms to EIA/TIA-232-E and ITU-T V.28
n
5 drivers and 3 receivers
n
Flow-through pinout
n
Failsafe receiver outputs high when inputs open
n
20-pin wide SOIC package
n
LapLink® compatible — 230.4 kbps data rate
n
Pin compatible with: SN75196, GD75323
Connection Diagram
Functional Diagram
LapLink® is a registered trademark of Travelling Software.
SOP
DS012613-1
Order Number DS14196WM
See NS Package Number M20B
DS012613-2
February 2000
© 2000 National Semiconductor Corporation
DS012613
www.national.com


Similar Part No. - DS14196

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
DS141 BRIDGELUX-DS141 Datasheet
1Mb / 16P
EB Series™ Gen 3 F90 SE
11/2023
logo
Dallas Semiconductor
DS1410D DALLAS-DS1410D Datasheet
38Kb / 2P
Parallel Port Button Holder
DS1410E DALLAS-DS1410E Datasheet
126Kb / 7P
Parallel Port Adapter
logo
Maxim Integrated Produc...
DS1410E MAXIM-DS1410E Datasheet
266Kb / 3P
1-Wire Network Cables
2/15
logo
Dallas Semiconductor
DS1411 DALLAS-DS1411 Datasheet
50Kb / 1P
Serial Port iButton Holder
More results

Similar Description - DS14196

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
EIA/TIA-232 3 Driver x 5 Receiver
DS14C241 NSC-DS14C241 Datasheet
158Kb / 8P
Single Supply TIA/EIA-232 4 x 5 Driver/Receiver
DS14C335 NSC-DS14C335 Datasheet
179Kb / 9P
3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C535 NSC-DS14C535 Datasheet
122Kb / 8P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
DSV14196 NSC-DSV14196 Datasheet
153Kb / 9P
3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
DS14C239 NSC-DS14C239 Datasheet
120Kb / 8P
Dual Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
Texas Instruments
DS14C335MSAX TI-DS14C335MSAX Datasheet
877Kb / 16P
DS14C335 3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14185WMX TI1-DS14185WMX Datasheet
900Kb / 15P
DS14185 EIA/TIA-232 3 Driver x 5 Receiver
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
DS14C535 TI1-DS14C535_15 Datasheet
794Kb / 14P
5V Supply EIA/TIA-232 3 x 5 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com