Electronic Components Datasheet Search
  English  ▼

X  

SP7685 Datasheet(PDF) 8 Page - Exar Corporation

Part # SP7685
Description  1.2A Buck/Boost Charge Pump LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7685 Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP7685 Datasheet HTML 4Page - Exar Corporation SP7685 Datasheet HTML 5Page - Exar Corporation SP7685 Datasheet HTML 6Page - Exar Corporation SP7685 Datasheet HTML 7Page - Exar Corporation SP7685 Datasheet HTML 8Page - Exar Corporation SP7685 Datasheet HTML 9Page - Exar Corporation SP7685 Datasheet HTML 10Page - Exar Corporation SP7685 Datasheet HTML 11Page - Exar Corporation SP7685 Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Date: 6/20/06 Rev T
SP7685, 1.2A Buck/BoostCharge Pump LED Driver
© 2006 Sipex Corporation
APPLICATION INFORMATION
Input
Ripple
Ripple 1X Torch 200mA, V IN=4.2V
Output
Ripple
Input
Ripple
Ripple 2X Torch 200mA, V IN=3.0V
Output
Ripple
Input
Ripple
Ripple 1X Flash 700mA, V IN=4.2V
Output
Ripple
Input
Ripple
Ripple 2X Flash 700mA, V IN=3.6V
Output
Ripple
VIN =3.6V, Typical Application Circuit, TA = 25°C unless otherwise noted.
Input
Ripple
Ripple 1X Flash 1000mA, V IN=4.2V
Output
Ripple
Input
Ripple
Ripple 2X Flash 1000mA, V IN=3.6V
Output
Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com