Electronic Components Datasheet Search
  English  ▼

X  

HT1034 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1034
Description  Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1034 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1034 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1034 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HT10XX
Voltage Regulator
Pin Assignment
Applications
•
Battery-powered equipment
•
Communication equipment
•
Audio/Video equipment
General Description
The HT10XX series is a set of three-terminal low
power voltage regulators implemented in CMOS
technology. They are available with several fixed
output voltages ranging from 1.5V~7.0V. The ad-
vantage of CMOS technology is low voltage drop-
out and low quiescent current.
Although designed primarily as fixed voltage
regulators, these devices can be used with ex-
ternal components to obtain variable voltages
and currents.
Features
•
Low power consumption
•
Low voltage dropout
•
Low temperature coefficient
•
Wide operating voltage (12V Max.)
•
TO-92 & SOT-89 packages
1
3rd Oct ’96


Similar Part No. - HT1034

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
HT1000UPS TRIPPLITE-HT1000UPS Datasheet
507Kb / 5P
Audio/Video Digital UPS
logo
HBH Microwave GmbH
HT1001 HBH-HT1001 Datasheet
17Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
HT1001 HBH-HT1001 Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
1 - 1000 MHz 5-BIT Digital Attenuator
logo
List of Unclassifed Man...
HT1010SAT3 ETC2-HT1010SAT3 Datasheet
509Kb / 5P
10 outlet, 10ft cord, 3345 joule rating, 3-line coaxial and 1-line tel/modem/ethernet protection - Home/Business Theater Surge Suppressor
More results

Similar Description - HT1034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC10XX ETC-SC10XX Datasheet
166Kb / 9P
VOLTAGE REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
217Kb / 12P
Voltage Regulator
Rev. 2.1, 2004-01-01
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
VOLTAGE REGULATOR
R200LD10 ETL-R200LD10 Datasheet
394Kb / 8P
VOLTAGE REGULATOR
logo
Texas Instruments
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
Voltage Regulator
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com