Electronic Components Datasheet Search
  English  ▼

X  

SP6214EC5-2-7/TR Datasheet(PDF) 2 Page - Exar Corporation

Part # SP6214EC5-2-7/TR
Description  Micropower, SC-70, 100mA CMOS LDO Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6214EC5-2-7/TR Datasheet(HTML) 2 Page - Exar Corporation

  SP6214EC5-2-7/TR Datasheet HTML 1Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 2Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 3Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 4Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 5Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 6Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 7Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 8Page - Exar Corporation SP6214EC5-2-7/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Date: 12/13/05
SP6213, SP6214 Micropower, SC-70, 100mA CMOS LDO Regulator
© Copyright 2005 Sipex Corporation
Supply Input Voltage (V
IN)...................................-2V to 7V
Output Voltage (V
OUT)...............................-0.6 to (VIN +1V)
Enable Input Voltage (V
EN).............................-2V to 7V
Power Dissipation (P
D)............Internally Limited, Note 3
Lead Temperature (soldering 5s)..........................260°C
Storage Temperature............................-65˚C to +150˚C
Input Voltage (V
IN) ................................... +2.5V to +6V
Enable Input Voltage (V
EN) ...................... ZeroV to +6V
Junction Temperature (T
J) ................. -40˚C to +125˚C
R
E
T
E
M
A
R
A
PN
I
MP
Y
TX
A
MS
T
I
N
U
♦
S
N
O
I
T
I
D
N
O
C
V
(
,
y
c
a
r
u
c
c
A
e
g
a
t
l
o
V
t
u
p
t
u
O
T
U
O
)5
.
2
-
4
-
5
.
2
4
%
♦
V
d
e
i
f
i
c
e
p
s
m
o
r
f
n
o
i
t
a
i
r
a
V
T
U
O
e
r
u
t
a
r
e
p
m
e
T
e
g
a
t
l
o
V
t
u
p
t
u
O
,
4
e
t
o
N
,
t
n
e
i
c
i
f
f
e
o
C(∆V
T
U
O
/∆ )
T
0
6/
m
p
p
° C
e
g
a
t
l
o
V
y
l
p
p
u
S
m
u
m
i
n
i
M0
5
.
2
5
5
.
2
5
7
.
2
0
7
.
2
5
8
.
2
0
0
.
3
V
I
T
U
O
A
µ
0
0
1
=
I
T
U
O
A
m
0
5
=
I
T
U
O
A
m
0
0
1
=
(
,
n
o
i
t
a
l
u
g
e
R
e
n
i
L
∆V
T
U
O
V
/
N
I )5
0
.
02
.
0
V
/
%
♦
V
N
I
V
(
=
T
U
O
V
6
o
t
)
V
5
.
0
+
n
o
i
t
a
l
u
g
e
R
e
n
i
L
V
8
.
1
-
3
1
2
6
P
S5
0
.
02
.
0
V
/
%
♦
V
N
I
V
6
o
t
V
8
.
2
=
(
,
5
e
t
o
N
,
n
o
i
t
a
l
u
g
e
R
d
a
o
L
∆V
T
U
O
)4
.
08
.
0
%
♦
I
L
V
,
A
m
0
0
1
o
t
A
m
1
.
0
=
N
I
V
=
T
U
O
V
1
+
n
o
i
t
a
l
u
g
e
R
d
a
o
L
V
8
.
1
-
3
1
2
6
P
S4
.
08
.
0
%
♦
I
L
V
,
A
m
0
0
1
o
t
A
m
1
.
0
=
N
I
V
0
.
3
=
V
(
,
6
e
t
o
N
,
e
g
a
t
l
o
V
t
u
o
p
o
r
D
N
I
V
–
T
U
O
)5
2
.
04
V
m
♦
I
L
0
0
1
=
µA
0
3
10
5
2
V
m
♦
I
L
A
m
0
5
=
0
5
20
0
5
V
m
♦
I
L
A
m
0
0
1
=
I
(
,
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
D
N
G
)1
0
.
0
5
6
1
5
2
1
µA
♦
♦
V
N
E
≤
)
n
w
o
d
t
u
h
S
(
V
4
.
0
V
N
E
≥
I
,
)
g
n
i
t
a
r
e
p
O
(
V
6
.
1
L
A
µ
0
=
I
(
,
7
e
t
o
N
,
t
n
e
r
r
u
C
n
i
P
d
n
u
o
r
G
D
N
G
)5
65
2
1
µA
♦
V
N
E
≥
I
,
V
6
.
1
L
0
0
1
=
µA
0
0
15
7
1
µA
♦
V
N
E
≥
I
,
V
6
.
1
L
A
m
0
5
=
5
3
10
5
2
µA
♦
V
N
E
≥
I
,
V
6
.
1
L
A
m
0
0
1
=
,
o
i
t
a
R
n
o
i
t
c
e
j
e
R
y
l
p
p
u
S
r
e
w
o
P
)
R
R
S
P
(
4
7
0
4
B
d
I
,
z
H
0
0
1
=
y
c
n
e
u
q
e
r
F
L
A
m
0
1
=
I
,
z
H
k
0
0
4
=
y
c
n
e
u
q
e
r
F
L
A
m
0
1
=
I
(
,
t
i
m
i
L
t
n
e
r
r
u
C
L
C )
0
2
10
9
10
5
3
A
m
♦
t
i
m
i
L
l
a
m
r
e
h
T8
6
1
3
5
1
° C
n
O
s
n
r
u
T
f
f
O
s
n
r
u
T
(
,
n
o
i
t
a
l
u
g
e
R
l
a
m
r
e
h
T
∆V
T
U
O
/∆P
D ,
)
8
e
t
o
N
5
0
.
0W
/
%
e
(
e
s
i
o
N
t
u
p
t
u
O
O
N )0
5
2s
m
r
V
µI
L
C
,
A
m
0
5
=
L
z
H
k
0
0
1
o
t
z
H
0
1
,
F
µ
1
=
(Note 1) These are stress ratings only and functional
operation of the device at these ratings or any other
above those indicated in the operation sections of the
specifications below is not implied. Exposure to absolute
maximum rating conditions for extended periods of time
may affect reliability.
ABSOLUTE MAXIMUM RATINGS (Note 1)
OPERATING RATINGS (Note 2)
Thermal Resistance ................................... (Note 3)
SC-70-5 (θ
JA) .............................. 330°C/W
ELECTRICAL CHARACTERISTICS
V
IN = VOUT +0.5V, IL = 100µA, CIN = 1µF, COUT = 1µF, TJ = 25
°C , unless otherwise noted. The ♦ denotes the specifications which apply over the full
operating temperature range, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com