Electronic Components Datasheet Search
  English  ▼

X  

PLX50X Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # PLX50X
Description  Phase Locked Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

PLX50X Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  PLX50X Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:0311- 7091891/18
☆ Fax:0311-87091282 ☆ E-mail:cjian@cn-bowei.com
http://www.cn-bowei.com
8
87,83933252
☆
-40~+85℃ or narrow
MP508
Inputpower(turn-on/steady)
100MHz
typical
100Hz
1KHz
10KHz
100KHz
+12V±5%(option+15V)
10~140MHz
≤-25dBc
≤-70dBc
5W/2W(Max)@25℃
50mm*50mm*16mm
-55~+85℃
Frequency*
10MHz
≤±0.5ppm
Reference
0~5dBm
10dBm/50Ω(Min)
≥
10M (10MHz reference input)
●
●
●
●
Phasenoise
Note: Please consult factory for custom requirements.
PLX50x series
≤-135dBc/Hz@100Hz
Typical phase noise performance
100M (10MHz reference input)
10MHz
typical
(Locked)
100Hz
1KHz
10KHz
100KHz
100Hz
10Hz
±0.5ppm (unlocked)
Locked
output
-125 dBc/Hz
-155 dBc/Hz
-165 dBc/Hz
-170 dBc/Hz
-153 dBc/Hz
-160 dBc/Hz
-167 dBc/Hz
-170 dBc/Hz
-127 dBc/Hz
-127 dBc/Hz
Phase Locked Crystal Oscillator
Pin function
Absolute maximum ratings
Features
Electrical specification
BOWEI INTEGRATED CIRCUITS CO.,LTD.
Parameter
Power supply
Frequency range
Sinewave
Level
Harmonics
Non-Harmonic
Suppression
Characteristic
output
Phase
Noise
---+14V(+18V)
Supply voltage
Storage temperature--- 105
+
Connectorized output optional
Low phase noise
Custom frequency available
Frequency stability
Operation temperature range
Dimension
Storage temperature range
1.
2.
3.
4. Reference freq. Input
Power supply
RF output
Ground
Reference
source
lock detect out(optional)
Schematic diagram
phase
detector
loop
filter
divide by N counter
Application notes
44
Reference frequency input
Phase locked detect output
Voltage controlled
low phase noise
OCXO
(Locked)
Frequency accurate
Power*
Source
Any frequencies output between 10~140MHz are available.
Please contact us if you want phase locked detector, custom detecting level available.
The typical phase noise curve show the phase noise when reference frequency is 10MHz, the real
test result depends on phase noise of reference source, loop and so on. Please contact us if you
have requirements on phase noise.
●
●
●
4
3
2
1
Frequency stability of
reference source (locked)


Similar Part No. - PLX50X

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
PLX51-DF1-ENI NHP-PLX51-DF1-ENI Datasheet
325Kb / 1P
PROSOFT ROUTER DF1 TO ETHERNET/IP
12 May 2023,
PLX51-DNP-S NHP-PLX51-DNP-S Datasheet
327Kb / 1P
PROSOFT GATEWAY ETHERNET/IP OR MODBUS TO DNP3 SLAVE
24 June 2023,
More results

Similar Description - PLX50X

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
611212 SPECTRUM-611212 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611213 SPECTRUM-611213 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611215 SPECTRUM-611215 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611219 SPECTRUM-611219 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611230 SPECTRUM-611230 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611231 SPECTRUM-611231 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611233 SPECTRUM-611233 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
logo
BOWEI Integrated Circui...
PLX36 BOWEI-PLX36 Datasheet
169Kb / 1P
Phase Locked Crystal Oscillator
logo
Advanced XTAL Products
AXON20 AXTAL-AXON20 Datasheet
113Kb / 3P
PLXO - Phase-Locked Crystal Oscillator ??Low Phase Noise
logo
SYNERGY MICROWAVE CORPO...
LNFTD-10-120240-12 SYNERGY-LNFTD-10-120240-12 Datasheet
2Mb / 4P
PHASE LOCKED CRYSTAL OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com