Electronic Components Datasheet Search
  English  ▼

X  

PLX36 Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # PLX36
Description  Phase Locked Crystal Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

PLX36 Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  PLX36 Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:0311- 7091891/18
☆ Fax:0311-87091282 ☆ E-mail:cjian@cn-bowei.com
http://www.cn-bowei.com
8
87,83933252
☆
●
●
●
●
Sinewave
Frequencyrange
1KHz
100KHz
10~100MHz
≤-20dBc
0dBm/50Ωoption
20~70mA
-55~+100℃
+5V±5% +12V±5%
MP3627
PLX36 series
Phase Locked Crystal Oscillator
1.
2.
3.
4.
5.
≤-70dBc
36mm 27mm 12.7mm
*
*
100Hz
-115dBc
10MHz
3±2dBm
≤-135dBc(1KHz)
-145dBc
-155dBc
-40~+85℃
1KHz
100KHz
100Hz
-105dBc
-135dBc
-150dBc
HCMOS/
TTL
≤6ns
≤6ns
40%~60%
≤-70dB
50Ω
15PF
±30ppm (unlocked)
PLX36B-S-DS-J-N@100M (10MHz r
input)
eference
PLX36B-S-DS-J-N@10M23
 (10MHz r
input)
eference
1
2
3
4
5
●
Typical performance of phase noise
Pin function
Features
Electrical specification
BOWEI INTEGRATED CIRCUITS CO.,LTD.
Parameter
Power supply
Characteristic
Load:
Load:
Operation temperature range
Dimension
Storage temperature range
Level
Harmonics
Non-Harmonic
Suppression
Risetime
Falltime
Duty cycle
Spurious
output
Phase noise
Metal package
Custom output frequency available
Low phase noise
operating temperature range:
Reference frequency input
Indictor of locked or N/C
Power supply
RF output
Ground
Phase
locked
phase
noise
Frequency
10MHz
typical
Frequency
100MHz
typical
Reference Input
(10MHz input)
input frequency
input power
Frequency stability
Frequency stability of
reference source (locked)
Supply current
Custom design available
Frequency
reference
input
phase
detector
lock detect out(optional)
loop
filter
voltage
controlled
crystal
oscillator
Frequency
output
divide by
N counter
Schematic diagram
Please contact us for more custom design frequency reference input.
Output frequency from 10MHz to 100MHz, custom power output and harmonic are available.
Pin 2 can be used as locked detect output, low level is unlocked and high level is locked.
The typical phase noise curves show the phase noise performance when frequency reference input is
10MHz, the practice test result depends on reference source and loop filter and so on.
Notes:
●
●
●
43


Similar Part No. - PLX36

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
PLX31-EIP-MBS NHP-PLX31-EIP-MBS Datasheet
590Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO SERIAL MODBUS
12 May 2023,
PLX31-EIP-MBS4 NHP-PLX31-EIP-MBS4 Datasheet
590Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO 4 PORT SERIAL MODBUS
12 May 2023,
PLX31-EIP-MBTCP NHP-PLX31-EIP-MBTCP Datasheet
597Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO MODBUS TCP GATEWAY
12 May 2023,
PLX31-MBTCP-MBS NHP-PLX31-MBTCP-MBS Datasheet
590Kb / 1P
PROSOFT GATEWAY MODBUS TCP TO MODBUS SERIAL
12 May 2023,
PLX32-EIP-MBTCP NHP-PLX32-EIP-MBTCP Datasheet
328Kb / 1P
PROSOFT GATEWAY ETHERNET IP TO MODBUS TCP DUAL SUBNETS
24 June 2023,
More results

Similar Description - PLX36

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
611212 SPECTRUM-611212 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611213 SPECTRUM-611213 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611215 SPECTRUM-611215 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611219 SPECTRUM-611219 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611230 SPECTRUM-611230 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611231 SPECTRUM-611231 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611233 SPECTRUM-611233 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
logo
BOWEI Integrated Circui...
PLX50X BOWEI-PLX50X Datasheet
155Kb / 1P
Phase Locked Crystal Oscillator
logo
Advanced XTAL Products
AXON20 AXTAL-AXON20 Datasheet
113Kb / 3P
PLXO - Phase-Locked Crystal Oscillator ??Low Phase Noise
logo
SYNERGY MICROWAVE CORPO...
LNFTD-10-120240-12 SYNERGY-LNFTD-10-120240-12 Datasheet
2Mb / 4P
PHASE LOCKED CRYSTAL OSCILLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com