Electronic Components Datasheet Search
  English  ▼

X  

LM7905 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LM7905
Description  3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM7905 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LM7905 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM7905 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM7905 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM7905 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM7905 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM7905 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LM79XX
LINEAR INTEGRATED CIRCUIT
2
ABSOLUTE MAXIMUM RATINGS(Ta=25 C)
PARAMETER
SYMBOL
VALUE
UNIT
Input voltage
Vi
-35
V
Thermal resistance
junction-air
R q JA
65
C /W
Thermal resistance
junction-cases
R q JC
5C /W
Operating Temperature
Topr
0 ~ +125
C
Storage Temperature
Tstg
-65 ~ +150
C
Contek7905 ELECTRICAL CHARACTERISTICS
(Refer to test circuits, 0<Tj<125 C,Io=500mA,Vi=-10V,Ci=33uF,Co=1uF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tj=25 C
-4.8
-5.0
-5.2
V
Output voltage
Vo
5.0mA<Io<1.0A,Po<15W
Vi=-7V to -20V
-4.75
-5.00
-5.25
V
Line regulation
DVo
Tj=25 C,Vi=-7V to -25V
10
100
mV
Tj=25 C,Vi=-8V to -12V
mV
Load regulation
DVo
Tj=25 C,Io=5.0mA to 1.5A
10
100
mV
Tj=25 C,Io=250mA to 750mA
350
mV
Quiescent current
IQ
Tj=25 C
36
mA
Quiescent current change
DIQ
Io=5mA to 1.0A
0.05
0.5
mA
Vi=-7V to -25V
0.1
1.3
mA
Output voltage drift
DVo/DT
Io=5mA
-0.4
mV/ C
Output noise voltage
VN
f=10hz to 100kHz,Ta=25 C
100
mV
Ripple rejection
RR
f=120Hz, Vi=-8V to -18V
54
60
dB
Dropout voltage
Vo
Io=1.0A,Tj=25 C
2V
Short circuit current
Isc
Vi=-35V,Ta=25 C
300
mA
peak current
Ipk
Tj=25 C
2.2
A
Contek7906 ELECTRICAL CHARACTERISTICS
(Refer to test circuits, 0<Tj<125 C,Io=500mA,Vi=-11V,Ci=2.2uF,Co=1uF,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tj=25 C
-5.75
-6.00
6-.25
V
Output voltage
Vo
5.0mA<Io<1.0A,Po<15W
Vi=-8V to -21V
-5.7
-6.0
-6.3
V
Line regulation
DVo
Tj=25 C,Vi=-8V to -25V
10
120
mV
Tj=25 C,Vi=-9V to -13V
560
mV
Load regulation
DVo
Tj=25 C,Io=5.0mA to 1.5A
10
120
mV
Tj=25 C,Io=250mA to 750mA
360
mV
Quiescent current
IQ
Tj=25 C
36
mA
Quiescent current change
DIQ
Io=5mA to 1.0A
0.5
mA
Vi=-8V to -25V
1.3
mA
Output voltage drift
DVo/DT
Io=5mA
-0.5
mV/ C
Output noise voltage
VN
f=10hz to 100kHz,Ta=25 C
130
mV
Ripple rejection
RR
f=120Hz, Vi=-9V to -19V
54
60
dB
Dropout voltage
Vo
Io=1.0A,Tj=25 C
2V
Short circuit current
Isc
Vi=-35V,Ta=25 C
300
mA
peak current
Ipk
Tj=25 C
2.2
A
CONTEK
Contek Microelectronics Co.,Ltd.
http://www.contek-ic.com E-mail:sales@contek-ic.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com