Electronic Components Datasheet Search
  English  ▼

X  

LM5073 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5073
Description  100V Power Over Ethernet PD Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5073 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5073 Datasheet HTML 9Page - Texas Instruments LM5073 Datasheet HTML 10Page - Texas Instruments LM5073 Datasheet HTML 11Page - Texas Instruments LM5073 Datasheet HTML 12Page - Texas Instruments LM5073 Datasheet HTML 13Page - Texas Instruments LM5073 Datasheet HTML 14Page - Texas Instruments LM5073 Datasheet HTML 15Page - Texas Instruments LM5073 Datasheet HTML 16Page - Texas Instruments LM5073 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
12
nSD
9
RTN
13
SD
2.5V
-
+
11
nPGOOD
pgood
50 PA
LM5073
External Bias
RLED
CPGOOD
LED to indicate
"Powered from PoE"
rear aux
LM5073
www.ti.com
SNVS490C – MARCH 2007 – REVISED APRIL 2013
Figure 13. "Powered-from-PoE" Indictor, Power Good Delay Timer and Shut Down Control Outputs
The nPGOOD pin can also be used to implement a delay timer by adding a capacitor from the nPGOOD pin to
the RTN pin. This delay timer will prevent the interruption of the DC-DC converter’s operation in the event of an
intermittent loss of power good status. This can be caused by PoE line voltage transients that may occur when
switching between normal PoE power and a backup supply (e.g. a battery or UPS). Such a condition will create a
new “hot swap” event if the backup supply voltage is greater than the PoE supply. Since the hot swap MOSFET
will likely limit current during such a sudden input voltage change, the nPGOOD pin will momentarily switch to
the high state. A capacitor on this pin will delay the transition of the nPGOOD pin to provide continuous operation
of the DC-DC converter during such transients. The power good filter delay time and capacitor value can be
selected with the following equation:
CPGOOD (nF) = 20 x tPG_DELAY (ms)
(4)
For example, selecting 100 nF for CPGOOD, the delay time will be 5 ms. The delay required for continuous
operation will depend on the amplitude of the transient, the DC current limit, the load, and the total amount of
input capacitance. The nPGOOD delay timer will not ensure continuous operation if the hot swap MOSFET is in
current limit for an extended period, causing a thermal limit condition. This will result in a complete shutdown of
the DC-DC converter, though no elements in the system will be permanently damaged and normal operation will
resume momentarily.
The power good status also affects the default DC current limit. Should the sensed drain to source voltage of the
hot swap MOSFET (from RTN to VEE) exceed 2.5V, the LM5073 will increase the DC current limit from the
default 440 mA to 800 mA (High DCCL). This higher current limit will speed recovery from an input voltage
downward step, allowing continued operation of the PD. This higher current limit will remain in effect until one of
the following events occurs: (i) the power good status is lost for longer than tPG_Delay, at which time the DC-DC
converter will be disabled, (ii) the increased power dissipation in the hot swap MOSFET causes a thermal limit
condition as previously discussed, or (iii) the hot swap MOSFET drain to source voltage falls below 1.5V to re-
establish power good status. Note that if the DC current limit has been programmed externally with RDCCL (see
the DC Current Limit section), then the DC current limit will remain at the programmed level even when the
power good status is lost.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5073



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com