Electronic Components Datasheet Search
  English  ▼

X  

SN54ALS996 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS996
Description  8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ALS996 Datasheet(HTML) 5 Page - Texas Instruments

  SN54ALS996 Datasheet HTML 1Page - Texas Instruments SN54ALS996 Datasheet HTML 2Page - Texas Instruments SN54ALS996 Datasheet HTML 3Page - Texas Instruments SN54ALS996 Datasheet HTML 4Page - Texas Instruments SN54ALS996 Datasheet HTML 5Page - Texas Instruments SN54ALS996 Datasheet HTML 6Page - Texas Instruments SN54ALS996 Datasheet HTML 7Page - Texas Instruments SN54ALS996 Datasheet HTML 8Page - Texas Instruments SN54ALS996 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN54ALS996, SN74ALS996
8BIT DTYPE EDGETRIGGERED READBACK LATCHES
SDAS098B − OCTOBER 1984 − REVISED JANUARY 1995
2−5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS996
SN74ALS996
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.2
− 1.2
V
All outputs
VCC = 4.5 V to 5.5 V,
IOH = − 0.4 mA
VCC −2
VCC −2
VOH
Q
VCC = 4.5 V
IOH = − 1 mA
2.4
3.2
V
VOH
Q
VCC = 4.5 V
IOH = − 2.6 mA
2.4
3.2
V
D
VCC = 4.5 V
IOL = 4 mA
0.25
0.4
D
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
VOL
IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
Q
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
Q
VCC = 4.5 V
IOL = 48 mA‡
0.35
0.5
IOZH
Q
VCC = 5.5 V,
VO = 2.7 V
20
20
µA
IOZL
Q
VCC = 5.5 V,
VO = 0.4 V
−20
−20
µA
II
D inputs
VCC = 5.5 V
VI = 5.5 V
0.1
0.1
mA
II
All others
VCC = 5.5 V
VI = 7 V
0.1
0.1
mA
IIH
D inputs§
VCC = 5.5 V,
VI = 2.7 V
20
20
A
IIH
All others
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
D inputs§
VCC = 5.5 V,
VI = 0.4 V
− 0.1
− 0.1
mA
IIL
All others
VCC = 5.5 V,
VI = 0.4 V
− 0.1
− 0.1
mA
IO¶
VCC = 5.5 V,
VO = 2.25 V
CLR = 2.5 V
−20
−112
−30
−112
mA
VCC = 5.5 V,
Outputs high
35
55
35
55
ICC
VCC = 5.5 V,
EN, RD low
Outputs low
55
85
55
85
mA
ICC
EN, RD low
Outputs disabled
42
65
42
65
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Applies only to the -1 version and only if VCC is maintained between 4.75 V and 5.25 V
§ For I/O ports (QA thru QH), the parameters IIH and IIL include the off-state output current.
¶ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com