Electronic Components Datasheet Search
  English  ▼

X  

MPLL-E Datasheet(PDF) 1 Page - BOWEI Integrated Circuits CO.,LTD.

Part # MPLL-E
Description  Fast Switching Synthesizer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOWEI [BOWEI Integrated Circuits CO.,LTD.]
Direct Link  http://www.cn-bowei.com
Logo BOWEI - BOWEI Integrated Circuits CO.,LTD.

MPLL-E Datasheet(HTML) 1 Page - BOWEI Integrated Circuits CO.,LTD.

  MPLL-E Datasheet HTML 1Page - BOWEI Integrated Circuits CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MPLL-E series
1 2 3
16
17
32
33
34
1
30
32
35
1.3
2
5
MPLL-225E-300k
09.28
Pin No.
Function
Pin No.
Function
1
+5V
15
REFin
9
+12V
17~31
RFout
12
LD
32
GND
11
RFout
Control
MPLL225E-300k
210-240
10±2
300
<25
-75
-110
+5/180
+12/20
MPLL1750E-2M
1600-1900
10±2
2000
<50
-70
-93
+5/100
+12/20
MPLL2675E-2.5M
2550-2800
10±2
2500
<25
-70
-90
+5/100
+12/20
MPLL860E-2M
830-890
10±2
2000
<50
-70
-100
+5/100
+12/20
Tel:0311- 7091891/18
☆ Fax:0311-87091282 ☆ E-mail:cjian@cn-bowei.com
http://www.cn-bowei.com
8
87,83933088
☆
BOWEI INTEGRATED CIRCUITS CO.,LTD.
Package information
l
Outline Drawing
l
Pin functions
Others
Fast Switching Synthesizer
l
l
l
l
l
Fast Switching
Parallel control
Small Size 35*25*6mm
Frequency range 50~3000MHz
Custom design available
Features
MHz
dBm
dBc/Hz
kHz
uS
dBc
Part number
Frequency
Power
output
Step
size
Switching
time
Spurious
output
Phase
noise
@10kHz
Vcc1/Im1 Vcc2/Im2
V/mA
V/mA
——
Control
Port
Parallel
Parallel
Parallel
Parallel
67


Similar Part No. - MPLL-E

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MPLL-A BOWEI-MPLL-A Datasheet
124Kb / 1P
Phase locked synthesizer
MPLL-BW BOWEI-MPLL-BW Datasheet
127Kb / 1P
Broadband phase locked synthesizer
MPLL-C BOWEI-MPLL-C Datasheet
103Kb / 1P
Phase locked synthesizer
MPLL-D BOWEI-MPLL-D Datasheet
114Kb / 2P
Phase locked synthesizer
More results

Similar Description - MPLL-E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TSA6060 PHILIPS-TSA6060 Datasheet
236Kb / 16P
Fast radio tuning PLL frequency synthesizer
1995 Nov 23
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L Datasheet
519Kb / 6P
Fast Switching
logo
SYNERGY MICROWAVE CORPO...
FSFS315555-500 SYNERGY-FSFS315555-500 Datasheet
405Kb / 2P
FAST SETTLING SYNTHESIZER
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
Fast Switching
logo
Aeroflex Circuit Techno...
FS1000 AEROFLEX-FS1000 Datasheet
310Kb / 4P
Fast Switching Synthesizer
FS1200B AEROFLEX-FS1200B Datasheet
1Mb / 6P
Fast Switching Synthesizer
FS2000 AEROFLEX-FS2000 Datasheet
2Mb / 8P
Fast Switching Synthesizer
FS5000 AEROFLEX-FS5000 Datasheet
1,018Kb / 6P
Fast Switching Synthesizer
logo
Inchange Semiconductor ...
2N60 ISC-2N60 Datasheet
157Kb / 2P
Fast Switching
20N15 ISC-20N15 Datasheet
49Kb / 2P
Fast Switching
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com